Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 215 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 215 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 211Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 212Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 213Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 214Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 215Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 216Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 217Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 218Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 219Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 245 page
background image
ST7LITE49K2
Electrical characteristics
215/245
Figure 100. Two typical applications with unused I/O pin
1.
During normal operation the ICCCLK pin must be pulled-up, internally or externally (external pull-up of 10k
mandatory in noisy environment). This is to avoid entering ICC mode unexpectedly during a reset.
2.
I/O can be left unconnected if it is configured as output (0 or 1) by the software. This has the advantage of
greater EMC robustness and lower cost.
Figure 101. Rpu resistance versus voltage at four different temperatures
Figure 102. Ipu current versus voltage at four different temperatures
10 k
Ω
UNUSED I/O PORT
ST7XXX
10 k
Ω
UNUSED I/O PORT
ST7XXX
VDD
50
100
150
200
250
300
350
400
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
VDD [V]
-40°
25°
85°
125°
0
10
20
30
40
50
60
70
80
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
VDD [V]
-40°
25°
85°
125°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com