Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 211 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 211 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 207Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 208Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 209Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 210Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 211Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 212Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 213Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 214Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 245 page
background image
ST7LITE49K2
Electrical characteristics
211/245
13.7
Memory characteristics
TA = -40 °C to 125 °C, unless otherwise specified.
Table 89.
RAM and hardware registers characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode(1)
1.
Minimum VDD supply voltage without losing data stored in RAM (in Halt mode or under Reset) or in
hardware registers (only in Halt mode). Guaranteed by construction, not tested in production.
Halt mode (or Reset)
1.6
V
Table 90.
Flash program memory characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating voltage for Flash
write/erase
Refer to operating
range of VDD with TA,
Section 13.3.1 on
page 195
2.4
5.5
V
tprog
Programming time for 1~32
bytes(1)
1.
Up to 32 bytes can be programmed at a time.
TA=−40 to +125 °C
5
10
ms
Programming time for 4 kbytes
TA=+25 °C
0.64
1.28
s
tRET
Data retention(2)
2.
Data based on reliability test results and monitored in production.
TA=+55 °C
(3)
3.
The data retention time increases when the TA decreases.
20
years
NRW
Write erase cycles
TA=+25 °C
10k
cycles
IDD
Supply current(4)
4.
Guaranteed by Design. Not tested in production.
Read / Write / Erase
modes
fCPU = 8 MHz,
VDD = 5.5 V
2.6
mA
No Read/No Write
mode
100
μA
Power down mode /
Halt
00.1
μA
Table 91.
Data EEPROM memory characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating voltage for
EEPROM Write/Erase
Refer to operating range of
VDD with TA, Section 13.3.1 on
page 195
2.4
5.5
V
tprog
Programming time for
1~32 bytes
TA=−40 to +125 °C
5
10
ms
tret
Data retention(1)
1.
Data based on reliability test results and monitored in production.
TA=+55 °C
(2)
2.
The data retention time increases when the TA decreases.
20
years
NRW
Write erase cycles
TA=+25 °C
300K cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com