Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 208 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 208 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 204Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 205Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 206Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 207Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 208Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 209Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 210Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 211Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 245 page
background image
Electrical characteristics
ST7LITE49K2
208/245
Figure 98.
Typical application with an external clock source
13.6.1
Auto-wakeup from Halt oscillator (AWU)
Table 84.
External clock source characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOSC1H or
VCLKIN_H
OSC1/CLKIN input pin high
level voltage
see Figure 98
0.7xVDD
VDD
V
VOSC1L or
VCLKIN_L
OSC1/CLKIN input pin low
level voltage
VSS
0.3xVDD
tw(OSC1H) or
tw(CLKINH)
tw(OSC1L) or
tw(CLKINL)
OSC1/CLKIN high or low
time(1)
1.
Data based on design simulation and/or technology characteristics, not tested in production.
15
ns
tr(OSC1) or tr(CLKIN)
tf(OSC1) or tf(CLKIN)
OSC1/CLKIN rise or fall time(1)
15
IL
OSCx/CLKIN Input leakage
current
VSS≤VIN≤VDD
±1
μA
OSC1/CLKIN
OSC2
fOSC
EXTERNAL
ST7xxx
CLOCK SOURCE
Not connected internally
VOSC1L or VCLKINL
VOSC1H or VCLKINH
tr(OSC1 or CLKIN))
tf(OSC1 or CLKIN)
tw(OSC1H or CLKINH))
tw(OSC1L or CLKINL)
IL
90%
10%
Table 85.
AWU from Halt characteristics
Symbol
Parameter(1)
1.
Guaranteed by Design. Not tested in production.
Conditions
Min
Typ
Max
Unit
fAWU
AWU oscillator frequency
16
32
64
kHz
tRCSRT
AWU oscillator startup
time
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com