Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 205 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 205 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 201Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 202Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 203Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 204Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 205Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 206Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 207Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 208Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 245 page
background image
ST7LITE49K2
Electrical characteristics
205/245
13.5.2
SPI interface
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (SS, SCK, MOSI, MISO).
Table 82.
SPI interface characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master
fCPU=8 MHz
fCPU/128
0.0625
fCPU/4
2
MHz
Slave
fCPU=8 MHz
0
fCPU/2
4
tr(SCK)
tf(SCK)
SPI clock rise and fall time
see I/O port pin description
tsu(SS)
(1)
1.
Data based on design simulation, not tested in production.
SS setup time (2)
2.
Depends on fCPU. For example, if fCPU = 8 MHz, then TCPU = 1/fCPU =125 ns and tsu(SS)= 550 ns
Slave
(4 x TCPU) + 50
ns
th(SS)
(1)
SS hold time
Slave
120
tw(SCKH)
(1)
tw(SCKL)
(1)
SCK high and low time
Master
Slave
100
90
tsu(MI)
(1)
tsu(SI)
(1)
Data input setup time
Master
Slave
100
100
th(MI)
(1)
th(SI)
(1)
Data input hold time
Master
Slave
100
100
ta(SO)
(1)
Data output access time
Slave
0
120
tdis(SO)
(1)
Data output disable time
Slave
240
tv(SO)
(1)
Data output valid time
Slave (after
enable edge)
120
th(SO)
(1)
Data output hold time
0
tv(MO)
(1)
Data output valid time
Master (after
enable edge)
120
th(MO)
(1)
Data output hold time
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com