Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 203 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 203 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 199Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 200Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 201Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 202Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 203Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 204Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 205Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 206Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 245 page
background image
ST7LITE49K2
Electrical characteristics
203/245
13.4.2
On-chip peripherals
13.5
Communication interface characteristics
13.5.1
I2C interface
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (SDAI and SCLI). The ST7 I2C interface meets the electrical and timing
requirements of the Standard I2C communication protocol.
TA = -40°C to 125 °C, unless otherwise specified.
Table 81 gives the values to be written in the I2CCCR register to obtain the required I2C
SCL line frequency.
Table 79.
On-chip peripheral characteristics
Symbol
Parameter
Conditions
Typ
Unit
IDD(AT)
12-bit Auto-reload timer supply current(1)
1.
Data based on a differential IDD measurement between reset configuration (timer stopped) and a timer
running in PWM mode at fcpu= 8 MHz.
fCPU=4 MHz
VDD=3.0 V
10
μA
fCPU=8 MHz
VDD=5.0 V
50
IDD(I2C)
I2C supply current(2)
2.
Data based on a differential IDD measurement between reset configuration (I
2C disabled) and a permanent
I2C master communication at 100 kHz (data sent equal to 55h). This measurement include the pad
toggling consumption (4.7 kOhm external pull-up on clock and data lines).
fCPU=4 MHz
VDD=3.0 V
600
μA
fCPU=8 MHz
VDD=5.0 V
1000
IDD(SPI)
SPI supply current(3)
3.
Data based on a differential IDD measurement between reset configuration and a permanent SPI master
communication (data sent equal to 55h).
fCPU=8 MHz
VDD=5.0 V
200
μA
IDD(ADC)
ADC supply current when converting(4)
4.
Data based on a differential IDD measurement between reset configuration and continuous A/D
conversions with amplifier disabled.
fADC=4 MHz
VDD=3.0 V
400
μA
VDD=5.0 V
600
Table 80.
I2C interface characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
fSCL
(1)
1.
The I2C interface will not function below the minimum clock speed of 4 MHz (see Table 81).
I²C SCL frequency
fCPU=4 MHz to 8 MHz,
VDD= 2.4 to 5.5 V
400
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com