Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 199 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 199 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 195Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 196Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 197Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 198Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 199Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 200Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 201Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 202Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 245 page
background image
ST7LITE49K2
Electrical characteristics
199/245
Figure 87.
Frequency vs voltage at four different ambient temperatures (RC at 3.3 V)
Figure 88.
Accuracy in % vs voltage at 4 different ambient temperatures (RC at 5 V)
Figure 89.
Accuracy in % vs voltage at 4 different ambient temperatures (RC at 3.3V)
7.840
7.880
7.920
7.960
8.000
8.040
8.080
8.120
8.160
8.200
8.240
2. 4
2.8
3 .2
3.6
4.0
4 .4
4.8
5.2
5.6
VDD (V)
R C3.3V@ -40 °C
R C3.3V@ 25 °C
R C3.3V@ 85 °C
R C3.3V@ 125 °C
-2.2
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VDD (V)
R C5V% @-40 °C
R C5V% @25 °C
R C5V% @85 °C
R C5V% @12 5 °C
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
VDD (V)
RC 3.3V%@ -4 0 °C
RC 3.3C% @2 5 °C
RC 3.3V%@ 85 °C
RC 3.3V%@ 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com