Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 196 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 196 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 192Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 193Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 194Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 195Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 196Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 197Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 198Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 199Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 245 page
background image
Electrical characteristics
ST7LITE49K2
196/245
13.3.3
Auxiliary voltage detector (AVD) thresholds
TA = -40 to 125 °C unless otherwise specified
,
13.3.4
Voltage drop between AVD flag setting and LVD reset generation
Table 74.
Operating characteristics with AVD(1)
1.
Refer to Section : Monitoring the VDD main supply.
Symbol
Parameter
Conditions
Min (2)
2.
Not tested in production, guaranteed by characterization.
Typ(2) Max(2)
Unit
VIT+(AVD)
1=>0 AVDF flag toggle
threshold (VDD rise)
High Threshold
Med. Threshold
Low Threshold
4.0
3.4
2.6
4.4
3.7
2.9
4.8
4.1
3.2
V
VIT-(AVD)
0=>1 AVDF flag toggle
threshold (VDD fall)
High Threshold
Med. Threshold
Low Threshold
3.9
3.3
2.5
4.3
3.6
2.8
4.7
4.0
3.1
Vhys
AVD voltage threshold
hysteresis
VIT+(AVD)-VIT-(AVD)
150
mV
Table 75. Voltage drop
Parameter
Min(1)
1.
Not tested in production, guaranteed by characterization.
Typ(1)
Max(1)
Unit
AVD med. Threshold - AVD low. threshold
800
850
950
mV
AVD high. Threshold - AVD low threshold
1400
1450
1550
AVD high. Threshold - AVD med. threshold
600
650
750
AVD low Threshold - LVD low threshold
100
200
250
AVD med. Threshold - LVD low threshold
950
1050
1150
AVD med. Threshold - LVD med. threshold
250
300
400
AVD high. Threshold - LVD low threshold
1600
1700
1800
AVD high. Threshold - LVD med. threshold
900
1000
1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com