Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 195 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 195 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 191Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 192Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 193Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 194Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 195Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 196Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 197Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 198Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 245 page
background image
ST7LITE49K2
Electrical characteristics
195/245
13.3
Operating conditions
13.3.1
General operating conditions
TA = -40 to +125 °C unless otherwise specified.
Figure 85.
fCPU maximum operating frequency versus VDD supply voltage
13.3.2
Operating conditions with low voltage detector (LVD)
TA = -40 to 125 °C unless otherwise specified.
,
Table 72.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
fCPU = 4 MHz max.
2.4
5.5
V
fCPU = 8 MHz max.
3.3
5.5
fCPU
CPU clock frequency
3.3 V
≤VDD≤5.5 V
up to 8
MHz
2.4 V
≤VDD< 3.3 V
up to 4
fCPU [MHz]
SUPPLY VOLTAGE [V]
8
4
2
0
2.0
2.4
3.3
3.5
4.0
4.5
5.0
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
5.5
FUNCTIONALITY
GUARANTEED
IN THIS AREA
(UNLESS OTHERWISE
STATED IN THE
TABLES OF
PARAMETRIC DATA)
2.7
Table 73.
Operating characteristics with LVD
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
3.9
3.2
2.5
4.2
3.5
2.7
4.5
3.8
3.0
V
VIT-(LVD)
Reset generation threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
3.7
3.0
2.4
4.0
3.3
2.6
4.3
3.6
2.9
Vhys
LVD voltage threshold hysteresis
VIT+(LVD)-VIT-(LVD)
150
mV
VtPOR
VDD rise time rate
(1)(2)
1.
The VDD rise time rate condition is needed to ensure a correct device power-on and LVD reset release.
When the VDD slope is outside these values, the LVD may not release properly the reset of the MCU.
2.
Use of LVD with capacitive power supply: with this type of power supply, if power cuts occur in the
application, it is recommended to pull VDD down to 0 V to ensure optimum restart conditions. Refer to
circuit example in Figure 122 on page 225.
2
μs/V
IDD(LVD)
LVD/AVD current consumption
VDD = 5 V
80
140
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com