Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 200 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 200 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 196Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 197Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 198Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 199Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 200Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 201Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 202Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 203Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 245 page
background image
Electrical characteristics
ST7LITE49K2
200/245
13.4
Supply current characteristics
The following current consumption specified for the ST7 functional operating modes over
temperature range does not take into account the clock source current consumption. To get
the total device consumption, the two current values must be added (except for Halt mode
for which the clock is stopped).
13.4.1
Supply current
TA = -40 to +125 °C unless otherwise specified.
Table 78.
Supply current characteristics
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD
Supply current in Run mode(1)
fCPU = 4 MHz
2.8
4.5(2)
mA
fCPU = 8 MHz
5.5
9.5
Supply current in Wait mode(3)
fCPU = 4 MHz
1.5
2.3(2)
fCPU = 8 MHz
2.7
4.5
Supply current in Slow mode(4)
fCPU/32 = 250 kHz
600
900
μA
Supply current in Slow-Wait mode(5)
fCPU/32 = 250 kHz
500
800
Supply current in AWUFH mode(6)(7)
816
Supply current in Active-halt mode
120
200
Supply current in Halt mode(8)
TA = 85 °C
0.2
1 (2)
TA = 125 °C
1.5
5
IDD
Supply current in Run mode(1)
fCPU = 4 MHz
1.5
2.5(2)
mA
Supply current in Wait mode(3)
fCPU = 4 MHz
0.8
1.2(2)
Supply current in Slow mode(4)
fCPU/32 = 250 kHz
350
550(2)
μA
Supply current in Slow-Wait mode(5)
fCPU/32 = 250 kHz
280
450(2)
Supply current in AWUFH mode(6)(7)
58(2)
Supply current in Active-halt mode
60
100(2)
Supply current in Halt mode(8)
TA = 85 °C
0.1
0.7(2)
TA = 125 °C
1.2
3(2)
1.
CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in
reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
2.
Data based on characterization, not tested in production.
3.
All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN)
driven by external square wave, LVD disabled.
4.
Slow mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at VDD or VSS (no
load), all peripherals in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
5.
Slow-Wait mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at VDD or
VSS (no load), all peripherals in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
6.
All I/O pins in input mode with a static value at VDD or VSS (no load). Data tested in production at VDD max. and fCPU max.
7.
This consumption refers to the Halt period only and not the associated run period which is software dependent.
8.
All I/O pins in output mode with a static value at VSS (no load), LVD disabled. Data based on characterization results,
tested in production at VDD max and fCPU max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com