Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 209 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 209 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 205Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 206Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 207Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 208Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 209Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 210Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 211Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 212Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 245 page
background image
ST7LITE49K2
Electrical characteristics
209/245
13.6.2
Crystal and ceramic resonator oscillators
The ST7 internal clock can be supplied with ten different crystal/ceramic resonator
oscillators. All the information given in this paragraph are based on characterization results
with specified typical external components. In the application, the resonator and the load
capacitors have to be placed as close as possible to the oscillator pins in order to minimize
output distortion and start-up stabilization time. Refer to the crystal/ceramic resonator
manufacturer for more details (frequency, package, accuracy...).
Table 86.
Crystal/ceramic resonator oscillator characteristics
Symbol
Parameter
Conditions
Min Typ Max Unit
fCrOSC
Crystal oscillator frequency
2
16
MHz
CL1
CL2
Recommended load capacitance
versus equivalent serial
resistance of the crystal or
ceramic resonator (RS)
see table below
pF
IDD(crOSC) Crystal oscillator supply current
(1)
1.
Data based on a differential IDD measurement in run mode (fCPU = 8 MHz) between external clock source
configuration and external crystal resonator clock source configuration.
External crystal oscillator
frequency = 16 MHz,
VDD = 5 V
600
µA
Table 87.
Typical ceramic resonators(1)
Supplier
fCrOSC
(MHz)
Typical ceramic resonators
Supply
voltage
range
(V)
Temperature
range
(°C)
Reference
Type
Oscillator
modes
C1
(pF)
C2
(pF)
Rf
Rd
(Ohm)
2
CSTCC2M00G56Z-R0
SMD
LP or MP
(47) (47) open
0
2.4 to
5.5
-40 to 85
4
CSTCR4M00G55Z-R0
SMD
MP or MS (39) (39) open
0
CSTLS4M00G56Z-B0
LEAD MP or MS (47) (47) open
0
8
CSTCE8M00G52Z-R0
SMD
MS or HS (10) (10) open
0
CSTLS8M00G53Z-B0
LEAD MS or HS (15) (15) open
0
16
CSTCE16M0V51Z-R0
SMD
HS
(5)
(5)
open
0
3.3 to
5.5
CSALS16M0X55Z-B0
LEAD
HS
10
10
open
0
1.
( ) means load capacitor built in resonator.
Resonator characteristics given by the ceramic resonator manufacturer.
SMD = [-R0: plastic tape package Ø = 180 mm), -B0: Bulk]
LEAD = [-B0: bulk]
For more information on these resonators, please consult www.murata.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com