Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 242 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 242 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 237Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 238Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 239Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 240Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 241Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 242Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 243Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 244Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 245Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 242 / 245 page
background image
Package mechanical data
ST7LITE49K2
242/245
Figure 128. 32-pin low profile quad flat package (7x7), package outline
L
2.54
3.05
3.81
0.1000
0.1201
0.1500
Number of pins
N32
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Table 113.
32-pin low profile quad flat package (7x7), package mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A
1.60
0.0630
A1
0.05
0.15
0.0020
0.0059
A2
1.35
1.40
1.45
0.0531
0.0551
0.0571
b
0.30
0.37
0.45
0.0118
0.0146
0.0177
C
0.09
0.20
0.0035
0.0079
D
9.00
0.3543
D1
7.00
0.2756
E
9.00
0.3543
E1
7.00
0.2756
e
0.80
0.0315
θ
3.5°
3.5°
L
0.45
0.60
0.75
0.0177
0.0236
0.0295
Table 112.
32-pin plastic dual in-line package, shrink 400-mil width, mechanical data
(continued)
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
h
c
L
L1
b
e
A1
A2
A
E
E1
D
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com