Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 244 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 244 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 237Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 238Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 239Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 240Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 241Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 242Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 243Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 244Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 245Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 244 / 245 page
background image
Revision history
ST7LITE49K2
244/245
16
Revision history
Table 115.
Document revision history
Date
Revision
Changes
08-Nov-2007
1
Initial release
31-Dec-2007
2
Added 16-bit timer on first page.
Removed QFN40 pinout.
Removed references to PLL x 8.
Modified reset configuration for ICCCLK pin (Table 2: ST7LITE49K2
device pin description on page 19.
Removed reference to ATCSR3 in Table 3: Hardware register map
on page 22.
Modified note 4 in Section 4.4: ICC interface on page 27.
Modified Figure 5: Typical ICC Interface on page 28.
Modified : Break function on page 92.
Added BREAKCR2 in Table 38: Register mapping and reset values
on page 112.
Removed one block diagram in Section 11.3: Lite timer 2 (LT2) on
page 114. Removed one figure in Section 11.3.2 on page 114.
Modified Figure 53: Lite timer 2 block diagram on page 114.
Removed bits 2:0 in LTCSR1 register in Section 11.3.6: Register
description on page 116.
Modified Section 11.7.1: Introduction on page 176.
Modified Table 75: Internal RC oscillator characteristics (5.0 V
calibration) on page 202.
Modified Table 76: Internal RC oscillator characteristics (3.3 V
calibration) on page 203 .
Modified Table 77: Supply current characteristics on page 205.
Modified Section 13.6.2: Crystal and ceramic resonator oscillators on
page 214.
Added Section 13.6.3: 32-MHz PLL on page 216.
Modified Table 95: General characteristics on page 221 and
Table 96: Output driving current characteristics on page 223.
Modified 14.2: Device ordering information on page 243.
Added 14.3: Transfer of customer code on page 244.
07-Feb-2008
3
Added reference to 16-bit timer on first page.
11-Feb-2009
4
Modified first page (2 analog comparators added)
Modified Figure 13: Clock management block diagram on page 41,
Figure 37: Single timer mode (ENCNTR2=0) on page 85 and
Figure 38: Dual timer mode (ENCNTR2=1) on page 85 (32-MHz PLL
added)
Modified text below Table 40: Description of interrupt events on
page 111
Removed watchdog description in Section 11.3.2: Main features on
page 109 and Section 11.3.3: Functional description on page 110
Modified Section 11.8.3: Functional description on page 178
Modified Section 13.6.2: Crystal and ceramic resonator oscillators on
page 209
Modified Section 15: Package mechanical data on page 241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com