Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 134 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 134 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 130Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 131Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 132Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 133Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 134Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 135Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 136Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 137Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 138Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 224 page
background image
Rev. 1.00
134
De�e��e� �1� �01�
Rev. 1.00
135
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
SPI Control Registers
TherearealsotwocontrolregistersfortheSPIinterface,SIMC0andSIMC2.NotethattheSIMC2
registeralsohasthenameSIMAwhichisusedbytheI2Cfunction.TheSIMC0registerisusedto
controltheenable/disablefunctionandtosetthedatatransmissionclockfrequency.TheSIMC2
registerisusedforothercontrolfunctionssuchasLSB/MSBselection,writecollisionflagetc.
• SIMC0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
SIM�
SIM1
SIM0
—
SIMDEB1 SIMDEB0 SIMEN
SIMICF
R/W
R/W
R/W
R/W
—
R/W
R/W
R/W
R/W
POR
1
1
1
—
0
0
0
0
Bit7~5
SIM2~SIM0:SIMOperatingModeControl
000:SPImastermode;SPIclockisfSYS/4
001:SPImastermode;SPIclockisfSYS/16
010:SPImastermode;SPIclockisfSYS/64
011:SPImastermode;SPIclockisfSUB
100:SPImastermode;SPIclockisPTM0CCRPmatchfrequency/2
101:SPIslavemode
110:I2Cslavemode
111:Unusedmode
ThesebitssetuptheoveralloperatingmodeoftheSIMfunction.Aswellasselecting
iftheI2CorSPIfunction,theyareusedtocontroltheSPIMaster/Slaveselection
andtheSPIMasterclockfrequency.TheSPIclockisafunctionofthesystemclock
butcanalsobechosentobesourcedfromPTM0andfSUB.IftheSPISlaveModeis
selectedthentheclockwillbesuppliedbyanexternalMasterdevice.
Bit4
Unimplemented,readas"0"
Bit3~2
SIMDEB1~SIMDEB0:I2CDebounceTimeSelection
TheSIMDEB1~SIMDEB0bitsareonlyusedintheI2Cmodeandthedetailed
definitionisdescribedintheI2Csection.
Bit1
SIMEN:SIMEnableControl
0:Disable
1:Enable
Thebitistheoverallon/offcontrolfortheSIMinterface.WhentheSIMENbitis
clearedtozerotodisabletheSIMinterface,theSDI,SDO,SCKandSCS,orSDAand
SCLlineswilllosetheirSPIorI2CfunctionandtheSIMoperatingcurrentwillbe
reducedtoaminimumvalue.WhenthebitishightheSIMinterfaceisenabled.Ifthe
SIMisconfiguredtooperateasanSPIinterfaceviatheSIM2~SIM0bits,thecontents
oftheSPIcontrolregisterswillremainattheprevioussettingswhentheSIMENbit
changesfromlowtohighandshouldthereforebefirstinitialisedbytheapplication
program.IftheSIMisconfiguredtooperateasanI2CinterfaceviatheSIM2~SIM0
bitsandtheSIMENbitchangesfromlowtohigh,thecontentsoftheI2Ccontrolbits
suchasHTXandTXAKwillremainattheprevioussettingsandshouldthereforebe
firstinitialisedbytheapplicationprogramwhiletherelevantI2CflagssuchasHCF,
HAAS,HBB,SRWandRXAKwillbesettotheirdefaultstates.
Bit0
SIMICF:SIMSPIIncompleteFlag
0:SIMSPIincompleteconditionisnotoccurred
1:SIMSPIincompleteconditionisoccurred
ThisbitisonlyavailablewhentheSIMisconfiguredtooperateinanSPIslavemode.
IftheSPIoperatesintheslavemodewiththeSIMENandCSENbitsbothbeingset
to1buttheSCSlineispulledhighbytheexternalmasterdevicebeforetheSPIdata
transferiscompletelyfinished,theSIMICFbitwillbesetto1togetherwiththeTRF
bit.Whenthisconditionoccurs,thecorrespondinginterruptwilloccuriftheinterrupt
functionisenabled.However,theTRFbitwillnotbesetto1iftheSIMICFbitisset
to1bysoftwareapplicationprogram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com