Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 135 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 135 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 131Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 132Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 133Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 134Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 135Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 136Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 137Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 138Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 139Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 224 page
background image
Rev. 1.00
134
De�e��e� �1� �01�
Rev. 1.00
135
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
• SIMC2 Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
CKPOLB
CKEG
MLS
CSEN
WCOL
TRF
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
D7~D6:Undefinedbits
Thesebitscanbereadorwrittenbytheapplicationprogram.
Bit5
CKPOLB:SPIclocklinebaseconditionselection
0:TheSCKlinewillbehighwhentheclockisinactive
1:TheSCKlinewillbelowwhentheclockisinactive
TheCKPOLBbitdeterminesthebaseconditionoftheclockline,ifthebitishigh,
thentheSCKlinewillbelowwhentheclockisinactive.WhentheCKPOLBbitis
low,thentheSCKlinewillbehighwhentheclockisinactive.
Bit4
CKEG:SPISCKclockactiveedgetypeselection
CKPOLB=0
0:SCKishighbaselevelwhentheclockisinactiveanddatacaptureatSCKrisingedge.
1:SCKishighbaselevelwhentheclockisinactiveanddatacaptureatSCKfallingedge.
CKPOLB=1
0:SCKislowbaselevelwhentheclockisinactiveanddatacaptureatSCKfallingedge.
1:SCKislowbaselevelwhentheclockisinactiveanddatacaptureatSCKrisingedge.
TheCKEGandCKPOLBbitsareusedtosetupthewaythattheclocksignaloutputs
andinputsdataontheSPIbus.Thesetwobitsmustbeconfiguredbeforedatatransfer
isexecutedotherwiseanerroneousclockedgemaybegenerated.TheCKPOLBbit
determinesthebaseconditionoftheclockline,ifthebitishigh,thentheSCKline
willbelowwhentheclockisinactive.WhentheCKPOLBbitislow,thentheSCK
linewillbehighwhentheclockisinactive.TheCKEGbitdeterminesactiveclock
edgetypewhichdependsupontheconditionofCKPOLBbit.
Bit3
MLS:SPIdatashiftorder
0:LSBfirst
1:MSBfirst
Thisisthedatashiftselectbitandisusedtoselecthowthedataistransferred,either
MSBorLSBfirst.SettingthebithighwillselectMSBfirstandlowforLSBfirst.
Bit2
CSEN:SPISCSpincontrol
0:Disable
1:Enable
TheCSENbitisusedasanenable/disablefortheSCSpin.Ifthisbitislow,thenthe
SCSpinwillbedisabledandplacedintoafloatingcondition.IfthebitishightheSCS
pinwillbeenabledandusedasaselectpin.
Bit1
WCOL:SPIwritecollisionflag
0:Nocollision
1:Collision
TheWCOLflagisusedtodetectifadatacollisionhasoccurred.Ifthisbitishighit
meansthatdatahasbeenattemptedtobewrittentotheSIMDregisterduringadata
transferoperation.Thiswritingoperationwillbeignoredifdataisbeingtransferred.
Thebitcanbeclearedbytheapplicationprogram.
Bit0
TRF:SPITransmit/Receivecompleteflag
0:SPIdataisbeingtransferred
1:SPIdatatransmissioniscompleted
TheTRFbitistheTransmit/ReceiveCompleteflagandisset"1"automaticallywhen
anSPIdatatransmissioniscompleted,butmustsetto"0"bytheapplicationprogram.
Itcanbeusedtogenerateaninterrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com