Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 2Page - Linear Technology LTC2972 Datasheet HTML 3Page - Linear Technology LTC2972 Datasheet HTML 4Page - Linear Technology LTC2972 Datasheet HTML 5Page - Linear Technology LTC2972 Datasheet HTML 6Page - Linear Technology LTC2972 Datasheet HTML 7Page - Linear Technology LTC2972 Datasheet HTML 8Page - Linear Technology LTC2972 Datasheet HTML 9Page - Linear Technology LTC2972 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
LTC2972
6
2972fa
For more information www.linear.com/LTC2972
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VPWR = VIN_SNS = 12V, VDD33 = VDDIO, VDD33, VDD25, REFP and REFM
pins floating, unless otherwise indicated. CVDD33 = 100nF, CVDD25 = 100nF, CVIN_SNS_CAP = 10nF and CREF = 100nF. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TUE_ADC_
CURR_SNS
Total Unadjusted Error (Note 3)
Current Sense Inputs 20mV ≤ |VIN_ADC| ≤ 170mV
Mfr_config_imon_sel = 0
l
±0.3 % of Reading
Current Sense Inputs |VIN_ADC| ≤ 20mV
Mfr_config_imon_sel = 0
l
±60
µV
Current Sense Inputs VIN_ADC ≥ 1V
Mfr_config_imon_sel = 1
l
±0.25 % of Reading
Current Sense Inputs 0 ≤ VIN_ADC ≤ 1V
Mfr_config_imon_sel = 1
l
±2.5
mV
VOS_ADC
Offset Error
ISENSEPn and ISENSEMn Inputs, VOS • IOUT_CAL_
GAIN, IOUT_CAL_GAIN = 1000mΩ
Mfr_config_imon_sel = 0
l
±35
µV
tCONV_ADC
Conversion Time
VSENSEPn, VSENSEMn, VIN_SNS Inputs (Note 6)
6.15
ms
ISENSEPn and ISENSEMn Inputs (Note 6)
Mfr_config_imon_sel = 0
24.6
ms
ISENSEPn and ISENSEMn Inputs (Note 6)
Mfr_config_imon_sel = 1
6.15
ms
Internal Temperature
(READ_TEMPERATURE_2) (Note 6)
24.6
ms
tUPDATE_ADC Update Time
Mfr_ein_config_hd = 0 (Note 6)
135
ms
Mfr_ein_config_hd = 1 (Note 6)
305
ms
fIN_ADC
Input Sampling Frequency
62.5
kHz
Sense Input Current Characteristics (Note 7)
IIN_VSENSE
Input Current
VSENSEPn and VSENSEMn Inputs
l
±15
µA
Differential Input Current
VSENSEPn and VSENSEMn Inputs, VIN_DIFF = 6V
l
±30
µA
IIN_ISENSE
Input Current
ISENSEPn and ISENSEMn Inputs
Mfr_config_imon_sel = 0
l
±1
µA
ISENSEPn and ISENSEMn Inputs
Mfr_config_imon_sel = 1
l
±4
µA
Differential Input Current
ISENSEPn and ISENSEMn Inputs, |VIN_DIFF| = 170mV
Mfr_config_imon_sel = 0
l
±1
µA
ISENSEPn and ISENSEMn Inputs, |VIN_DIFF| = 6.0V
Mfr_config_imon_sel = 1
l
±8
µA
DAC Output Characteristics
N_VDAC
Resolution
10
Bits
VFS_VDAC
Full-Scale Output Voltage
(Programmable)
DAC Code = 0x3FF
DAC Polarity = 1
Buffer Gain Setting_0
Buffer Gain Setting_1
l
l
1.3
2.5
1.38
2.65
1.44
2.77
V
V
INL_VDAC
Integral Nonlinearity
(Note 8)
l
±2
LSB
DNL_VDAC
Differential Nonlinearity
(Note 8)
l
±2.4
LSB
VOS_VDAC
Offset Voltage
(Note 8)
l
±10
mV
VDAC
Load Regulation
VDACn = 2.65V, IVDACn Sourcing = 2mA
100
ppm/mA
VDACn = 0.1V, IVDACn Sinking = 2mA
100
ppm/mA
PSRR
DC: 3.13V ≤ VDD33 ≤ 3.47V, VPWR = VDD33
60
dB
Leakage Current
VDACn Hi-Z, 0V ≤ VDACn ≤ 6V
l
±100
nA
Short-Circuit Current Low
VDACn Shorted to GND
l
–12
–4
mA
Short-Circuit Current High
VDACn Shorted to VDD33
l
4
12
mA
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com