Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 23Page - Linear Technology LTC2972 Datasheet HTML 24Page - Linear Technology LTC2972 Datasheet HTML 25Page - Linear Technology LTC2972 Datasheet HTML 26Page - Linear Technology LTC2972 Datasheet HTML 27Page - Linear Technology LTC2972 Datasheet HTML 28Page - Linear Technology LTC2972 Datasheet HTML 29Page - Linear Technology LTC2972 Datasheet HTML 30Page - Linear Technology LTC2972 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 112 page
background image
LTC2972
27
2972fa
For more information www.linear.com/LTC2972
PMBus Command Summary
Summary Table
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS EEPROM
DEFAULT
VALUE:
FLOAT
HEX
REF
PAGE
TON_MAX_FAULT_RESPONSE 0x63 Action to be taken by the device when a
TON_MAX_FAULT event is detected.
R/W Byte
Y
Reg
Y
0xB8
65
TOFF_DELAY
0x64 Time from CONTROL pin and/or OPERATION
command = OFF to VOUT_ENn pin = OFF.
R/W Word
Y
L11
ms
Y
1.0
0xBA00
58
STATUS_BYTE
0x78 One byte summary of the unit’s fault
condition.
R Byte
Y
Reg
NA
69
STATUS_WORD
0x79 Two byte summary of the unit’s fault
condition.
R Word
Y
Reg
NA
69
STATUS_VOUT
0x7A Output voltage fault and warning status.
R Byte
Y
Reg
NA
70
STATUS_IOUT
0x7B Output current fault and warning status.
R Byte
Y
Reg
NA
70
STATUS_INPUT
0x7C Input supply fault and warning status.
R Byte
N
Reg
NA
<OV>
STATUS_TEMPERATURE
0x7D External temperature fault and warning
status for READ_TEMPERATURE_1.
R Byte
Y
Reg
NA
71
STATUS_CML
0x7E Communication and memory fault and
warning status.
R Byte
N
Reg
NA
71
STATUS_MFR_SPECIFIC
0x80 Manufacturer specific fault and state
information.
R Byte
Y
Reg
NA
72
READ_VIN
0x88 Input supply voltage.
R Word
N
L11
V
NA
75
READ_IIN
0x89 DC/DC converter input current.
R Word
N
L11
A
NA
75
READ_VOUT
0x8B DC/DC converter output voltage.
R Word
Y
L16
V
NA
75
READ_IOUT
0x8C DC/DC converter output current.
R Word
Y
L11
A
NA
76
READ_TEMPERATURE_1
0x8D External diode junction temperature. This
is the value used for all temperature related
processing, including IOUT_CAL_GAIN.
R Word
Y
L11
°C
NA
76
READ_TEMPERATURE_2
0x8E Internal junction temperature.
R Word
N
L11
°C
NA
76
READ_POUT
0x96 DC/DC converter output power.
R Word
Y
L11
W
NA
77
READ_PIN
0x97 DC/DC converter input power.
R Word
N
L11
W
NA
75
PMBUS_REVISION
0x98 PMBus revision supported by this device.
Current revision is 1.1.
R Byte
N
Reg
0x11
88
USER_DATA_00
0xB0 Manufacturer reserved for LTpowerPlay.
R/W Word
N
Reg
Y
NA
89
USER_DATA_01
0xB1 Manufacturer reserved for LTpowerPlay.
R/W Word
Y
Reg
Y
NA
89
USER_DATA_02
0xB2 OEM Reserved.
R/W Word
N
Reg
Y
NA
89
USER_DATA_03
0xB3 Scratchpad location.
R/W Word
Y
Reg
Y
0x0000
89
USER_DATA_04
0xB4 Scratchpad location.
R/W Word
N
Reg
Y
0x0000
89
MFR_FIRST_FAULT
0xB5 First fault information.
R Word
N
Reg
NA
74
MFR_INFO
0xB6 Manufacturer specific information.
R Word
N
Reg
NA
89
MFR_STATUS_2
0xB7 Manufacturer specific status.
R Word
Y
Reg
NA
74
MFR_T_SELF_HEAT
0xB8 Calculated temperature rise due to self-
heating of output current sense device above
value measured by external temperature
sensor.
R Word
Y
L11
°C
NA
56
MFR_IOUT_CAL_GAIN_TAU_
INV
0xB9 Inverse of time constant for Mfr_t_self_heat
changes scaled by 4 • tCONV_SENSE.
R/W Word
Y
L11
Y
0.0
0x8000
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com