Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 12Page - Linear Technology LTC2972 Datasheet HTML 13Page - Linear Technology LTC2972 Datasheet HTML 14Page - Linear Technology LTC2972 Datasheet HTML 15Page - Linear Technology LTC2972 Datasheet HTML 16Page - Linear Technology LTC2972 Datasheet HTML 17Page - Linear Technology LTC2972 Datasheet HTML 18Page - Linear Technology LTC2972 Datasheet HTML 19Page - Linear Technology LTC2972 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 112 page
background image
LTC2972
16
2972fa
For more information www.linear.com/LTC2972
PIN FUNCTIONS
PIN NAME
PIN NUMBER
PIN TYPE
DESCRIPTION
VSENSEP0
32*
In
DC/DC Converter Differential (+) Output Voltage-0 Sensing Pin
VSENSEM0
33*
In
DC/DC Converter Differential (–) Output Voltage-0 Sensing Pin
VOUT_EN0
41
Out
DC/DC Converter Enable-0 Pin.
VOUT_EN1
40
Out
DC/DC Converter Enable-1 Pin.
AUXFAULTB
42
Out
Auxiliary Fault Output Pin. Can Be Configured to Pull Low When OV/UV Detected
DNC
3
Do Not Connect Do Not Connect to this Pin
VIN_SNS
4
In
VIN SENSE Input. This Voltage is Compared Against the VIN On and Off Voltage Thresholds In Order
to Determine When to Enable and Disable, Respectively, the Downstream DC/DC Converters
VPWR
5
In
VPWR Serves as the Unregulated Power Supply Input to the Chip (4.5 to 15V). If a 4.5V to 15V
Supply Voltage Is Unavailable, Short VPWR to VDD33 and Power the Chip Directly from a 3.3V Supply.
Bypass to GND with 0.1µF Capacitor
VDD33
6
In/Out
If Shorted to VPWR, It Serves as 3.13 to 3.47V Supply Input Pin. Otherwise It Is a 3.3V Internally
Regulated Voltage Output (Use 0.1µF Decoupling Capacitor to GND). If using the internal regulator
to provide VDD33, do not connect to VDD33 pins of any other devices
VDD33
7
In
Input for Internal 2.5V Sub-Regulator. Short this Pin to Pin 6. If using the internal regulator to
provide VDD33, do not connect to VDD33 pins of any other devices
VDD25
8
In/Out
2.5V Internally Regulated Voltage Output. Bypass to GND with a 0.1µF Capacitor. Do not connect to
VDD25 pins of any other devices
VDD25
9
In
2.5V Supply Voltage Input. Short this Pin to Pin 8. Do not connect to VDD25 pins of any other devices
TSENSE0
10*
In/Out
External Temperature Current Output and Voltage Input for Channel 0. Maximum allowed
capacitance is 1µF
TSENSE1
11*
In/Out
External Temperature Current Output and Voltage Input for Channel 1. Maximum allowed
capacitance is 1µF
PWRGD
12
Out
Power-Good Open Drain Output. Indicates When Selected Outputs Are Power Good. Can be Used as
System Power-On Reset
SHARE_CLK
13
In/Out
Bidirectional Clock Sharing Pin. Connect a 5.49kΩ Pull-Up Resistor to VDD33. Connect to all other
SHARE_CLK pins in the system
PG0
14
In/Out
Configurable Open-Drain Output and Digital Input for Channel 0. Connect a 10kΩ Pull-Up Resistor
to VDDIO.
PG1
15
In/Out
Configurable Open-Drain Output and Digital Input for Channel 1. Connect a 10kΩ Pull-Up Resistor
to VDDIO
WDI/RESETB
16
In
Watchdog Timer Interrupt and Chip Reset Input. Connect a 10kΩ Pull-Up Resistor to VDD33. Rising
Edge Resets Watchdog Counter. Holding this Pin Low for More than tRESETB Resets the Chip
FAULTB0
17
In/Out
Open-Drain Output and Digital Input. Active Low Bidirectional Fault Indicator-0. Connect a 10kΩ
Pull-Up Resistor to VDDIO
FAULTB1
18
In/Out
Open-Drain Output and Digital Input. Active Low Bidirectional Fault Indicator-1. Connect a 10kΩ
Pull-Up Resistor to VDDIO
WP
19
In
Digital Input. Write-Protect Input Pin, Active High
SDA
20
In/Out
PMBus Bidirectional Serial Data Pin
SCL
21
In
PMBus Serial Clock Input Pin (400kHz Maximum)
ALERTB
22
Out
Open-Drain Output. Generates an Interrupt Request in a Fault/Warning Situation
CONTROL0
23
In
Control Pin 0 Input
CONTROL1
24
In
Control Pin 1 Input
VDDIO
25
In
Sets the Input Threshold of all Digital inputs, except SHARE_CLK, ASEL[1:0], VOUT_EN[1:0] and
AUX_FAULTB, to approximately 45% of VDDIO. Connect to a supply voltage between 1.5V and 3.6V.
Connect all of the LTC2972 pins pull-up resistors to this pin except WDI/RESETB, SHARE_CLK and
VOUT_EN[1:0]. Connect these pins pull-up resistors to VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com