Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 76 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 76 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 72Page - Linear Technology LTC2972 Datasheet HTML 73Page - Linear Technology LTC2972 Datasheet HTML 74Page - Linear Technology LTC2972 Datasheet HTML 75Page - Linear Technology LTC2972 Datasheet HTML 76Page - Linear Technology LTC2972 Datasheet HTML 77Page - Linear Technology LTC2972 Datasheet HTML 78Page - Linear Technology LTC2972 Datasheet HTML 79Page - Linear Technology LTC2972 Datasheet HTML 80Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 112 page
background image
LTC2972
76
2972fa
For more information www.linear.com/LTC2972
READ_IOUT
This command returns the most recent ADC measured value of the channel’s output current.
MFR_IIN_PEAK
This command returns the maximum ADC measured value of the input current. This register is reset to 0x7C00
(–225) when the LTC2972 emerges from power-on reset, when a CLEAR_FAULTS command to any page is executed,
or a channel goes through an off-to-on transition.
MFR_IIN_MIN
This command returns the minimum ADC measured value of the input current. This register is reset to 0x7BFF (ap-
proximately 225) when the LTC2972 emerges from power-on reset, when a CLEAR_FAULTS command to any page is
executed, or a channel goes through an off-to-on transition.
MFR_PIN_PEAK
This command returns the maximum ADC measured value of the input power. This register is reset to 0x7C00
(–225) when the LTC2972 emerges from power-on reset, when a CLEAR_FAULTS command to any page is executed,
or a channel goes through an off-to-on transition.
MFR_PIN_MIN
This command returns the minimum ADC measured value of the input power. This register is reset to 0x7BFF (ap-
proximately 225) when the LTC2972 emerges from power-on reset, when a CLEAR_FAULTS command to any page is
executed, or a channel goes through an off-to-on transition.
READ_TEMPERATURE_1
This command returns the most recent measured value of the external diode temperature in °C. This value is used for
all temperature related operations and calculations. This command is paged. READ_TEMPERATURE_2 is substituted
for READ_TEMPERATURE_1 if the associated TSENSE network fails to detect a valid temperature.
The TSENSE network will fail to detect a valid temperature under the following conditions:
The TSENSE pin is shorted to a constant voltage.
The sense diode has an ideality factor greater than N_TS max.
Floating the TSENSE pin is not recommended and may return unpredictable temperature values.
READ_TEMPERATURE_2
This command returns the most recent ADC measured value of junction temperature in °C as determined by the
LTC2972’s internal temperature sensor. This register is for information purposes and does not generate any faults,
warnings, or affect any other registers or internal calculations unless it is used as READ_TEMPERATURE_1. This
command is not paged.
READ_TEMPERATURE_2 is substituted for READ_TEMPERATURE_1 if a channel’s TSENSE network fails to detect a
valid temperature.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com