Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 49 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 49 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 45Page - Linear Technology LTC2972 Datasheet HTML 46Page - Linear Technology LTC2972 Datasheet HTML 47Page - Linear Technology LTC2972 Datasheet HTML 48Page - Linear Technology LTC2972 Datasheet HTML 49Page - Linear Technology LTC2972 Datasheet HTML 50Page - Linear Technology LTC2972 Datasheet HTML 51Page - Linear Technology LTC2972 Datasheet HTML 52Page - Linear Technology LTC2972 Datasheet HTML 53Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
LTC2972
49
2972fa
For more information www.linear.com/LTC2972
VIN_ON, VIN_OFF, VIN_OV_FAULT_LIMIT, VIN_OV_WARN_LIMIT, VIN_UV_WARN_LIMIT and
VIN_UV_FAULT_LIMIT
These commands provide voltage supervising limits for the input voltage VIN_SNS.
INPUT CURRENT AND ENERGY
COMMAND NAME
DESCRIPTION
TYPE
PAGED FORMAT UNITS EEPROM
DEFAULT
VALUE
REF
PAGE
MFR_EIN
0xC0 Input energy data bytes.
R Block
N
Reg
NA
49
MFR_EIN_CONFIG
0xC1 Configuration register for energy and input current. R/W Byte
N
Reg
Y
0
50
MFR_IIN_CAL_GAIN_TC 0xC3 Temperature coefficient applied to IIN_CAL_GAIN.
R/W Word
N
CF
ppm
Y
0x0
51
MFR_IIN_CAL_GAIN
0xE8 The nominal resistance of the current sense
element in mΩ.
R/W Word
N
L11
mΩ
Y
1.0
0xBA00
51
MFR_CLEAR_ENERGY
0xCC Clear MFR_EIN time and energy values
Send Byte
N
NA
51
Energy Measurement and Reporting
Input energy measurement and monitoring supports the following:
• Input energy derived from the accumulated product of READ_VIN and READ_IIN.
• Reporting input energy value as a 48-bit integer in mJ. Returning value in Joules eliminates the need for the host
to manage time.
• Reporting input energy time as a 48-bit integer in ms, where input energy time is the elapsed time since energy
monitoring was last reset.
• Resetting time and energy accumulators whenever MFR_EIN_CONFIG or MFR_CLEAR_ENERGY is written.
• Wrapping of time and energy accumulators when full.
• An optional HD mode allowing the user to give priority to energy measurement by forcing the ADC to measure
READ_VIN and READ_IIN between every other ADC measurement.
• Reporting energy and time values coherently.
• Ability to decrement energy to prevent rectification and accumulation of noise when the channel is off. Energy is
not allowed to decrement below zero.
MFR_EIN
Read only. This 12-byte data block returns the input energy value and time. Once the block read starts, MFR_EIN
updates are suspended until the block read completes. However, energy and time continue to accumulate internally
during block reads.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com