Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 41 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 41 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 37Page - Linear Technology LTC2972 Datasheet HTML 38Page - Linear Technology LTC2972 Datasheet HTML 39Page - Linear Technology LTC2972 Datasheet HTML 40Page - Linear Technology LTC2972 Datasheet HTML 41Page - Linear Technology LTC2972 Datasheet HTML 42Page - Linear Technology LTC2972 Datasheet HTML 43Page - Linear Technology LTC2972 Datasheet HTML 44Page - Linear Technology LTC2972 Datasheet HTML 45Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 112 page
background image
LTC2972
41
2972fa
For more information www.linear.com/LTC2972
Figure 15. Cascade Sequence ON with Time Based Sequence Down on FAULT0
The waveform of Figure 15 illustrates cascade sequence ON and time based sequence OFF using the configuration
illustrated in Figure 14. In this example the FAULTB0 pin is used as a broadcast off signal. Turning the system off with
the FAULTB0 requires all slave channels to be configured with Mfr_faultb0_response_chann asserted high. After the
system is turned off, the LTC2972 will assert ALERTB with all slave channels indicating a Status_mfr_fault0_in event.
MFR_CONFIG2_LTC2972
This command register determines whether VOUT overvoltage faults from a given channel cause the AUXFAULTB pin
to be pulled low.
PMBus COMMAND DESCRIPTION
2972 F15
POWERGOOD1
POWERGOOD0
CONTROL– FAULTB0
VOUT1
VOUT0
TOFF_DELAY1
TOFF_DELAY0
MFR_CONFIG2_LTC2972 Data Contents
BIT(S) SYMBOL
OPERATION
b[1] Mfr_auxfaultb_ov_fault_response_
chan1
Response to channel 1 VOUT_OV_FAULT.
1 = Pull AUXFAULTB low via fast pull-down.
0 = Do not pull AUXFAULTB low.
b[0] Mfr_auxfaultb_ov_fault_response_
chan0
Response to channel 0 VOUT_OV_FAULT.
1 = Pull AUXFAULTB low via fast pull-down.
0 = Do not pull AUXFAULTB low.
MFR_CONFIG3_LTC2972
This command register determines whether VOUT undervoltage faults from a given channel cause the AUXFAULTB pin
to be pulled low.
MFR_CONFIG3_LTC2972 Data Contents
BIT(S) SYMBOL
OPERATION
b[1] Mfr_auxfaultb_uv_fault_response_chan1
Response to channel 1 VOUT_UV_FAULT.
1 = Pull AUXFAULTB low via fast pull-down.
0 = Do not pull AUXFAULTB low.
b[0] Mfr_auxfaultb_uv_fault_response_chan0
Response to channel 0 VOUT_UV_FAULT.
1 = Pull AUXFAULTB low via fast pull-down.
0 = Do not pull AUXFAULTB low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com