Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 52 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 52 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 48Page - Linear Technology LTC2972 Datasheet HTML 49Page - Linear Technology LTC2972 Datasheet HTML 50Page - Linear Technology LTC2972 Datasheet HTML 51Page - Linear Technology LTC2972 Datasheet HTML 52Page - Linear Technology LTC2972 Datasheet HTML 53Page - Linear Technology LTC2972 Datasheet HTML 54Page - Linear Technology LTC2972 Datasheet HTML 55Page - Linear Technology LTC2972 Datasheet HTML 56Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 112 page
background image
LTC2972
52
2972fa
For more information www.linear.com/LTC2972
OUTPUT VOLTAGE COMMANDS AND LIMITS
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS EEPROM
DEFAULT
VALUE
REF
PAGE
VOUT_MODE
0x20 Output voltage data format and mantissa
exponent (2–13).
R Byte
Y
Reg
0x13
52
VOUT_COMMAND
0x21 Servo target. Nominal DC/DC converter output
voltage setpoint.
R/W Word
Y
L16
V
Y
1.0
0x2000
53
VOUT_MAX
0x24 Upper limit on the output voltage the unit can
command regardless of any other commands.
R/W Word
Y
L16
V
Y
4.0
0x8000
53
VOUT_MARGIN_HIGH
0x25 Margin high DC/DC converter output voltage
setting.
R/W Word
Y
L16
V
Y
1.05
0x219A
53
VOUT_MARGIN_LOW
0x26 Margin low DC/DC converter output voltage
setting.
R/W Word
Y
L16
V
Y
0.95
0x1E66
53
VOUT_OV_FAULT_LIMIT
0x40 Output overvoltage fault limit.
R/W Word
Y
L16
V
Y
1.1
0x2333
53
VOUT_OV_WARN_LIMIT
0x42 Output overvoltage warning limit.
R/W Word
Y
L16
V
Y
1.075
0x2266
53
VOUT_UV_WARN_LIMIT
0x43 Output undervoltage warning limit.
R/W Word
Y
L16
V
Y
0.925
0x1D9A
53
VOUT_UV_FAULT_LIMIT
0x44 Output undervoltage fault limit. Used for Ton_
max_fault and PWRGD pin de-assertion.
R/W Word
Y
L16
V
Y
0.9
0x1CCD
53
POWER_GOOD_ON
0x5E Output voltage at or above which the PWRGD
pin should be asserted.
R/W Word
Y
L16
V
Y
0.96
0x1EB8
53
POWER_GOOD_OFF
0x5F Output voltage at or below which the PWRGD
pin should be de-asserted when Mfr_config_all_
pwrgd_off_uses_uv is clear.
R/W Word
Y
L16
V
Y
0.94
0x1E14
53
MFR_VOUT_DISCHARGE_
THRESHOLD
0xE9 Coefficient used to multiply VOUT_COMMAND in
order to determine VOUT off threshold voltage.
R/W Word
Y
L11
Y
2.0
0xC200
53
MFR_DAC
0xE0 Manufacturer register that contains the code of
the 10-bit DAC.
R/W Word
N
Reg
0x0000
53
MFR_DAC_STARTUP
0xCD DAC Output Code Used At Start-up
R/W Word
Y
Reg
Y
0x0000
54
VOUT_MODE
This command is read only and specifies the mode and exponent for all commands with a L16 data format. See
Data Formats on page 27.
VOUT_MODE Data Contents
BIT(S) SYMBOL
OPERATION
b[7:5] Vout_mode_type
Reports linear mode. Hard-wired to 000b.
b[4:0] Vout_mode_parameter Linear mode exponent. 5-bit two’s complement integer. Hardwired to 0x13 (–13 decimal).
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com