Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 46 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 46 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 42Page - Linear Technology LTC2972 Datasheet HTML 43Page - Linear Technology LTC2972 Datasheet HTML 44Page - Linear Technology LTC2972 Datasheet HTML 45Page - Linear Technology LTC2972 Datasheet HTML 46Page - Linear Technology LTC2972 Datasheet HTML 47Page - Linear Technology LTC2972 Datasheet HTML 48Page - Linear Technology LTC2972 Datasheet HTML 49Page - Linear Technology LTC2972 Datasheet HTML 50Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 112 page
background image
LTC2972
46
2972fa
For more information www.linear.com/LTC2972
STORE_USER_ALL and RESTORE_USER_ALL
STORE_USER_ALL, RESTORE_USER_ALL commands provide access to User EEPROM space. Once a command is
stored in User EEPROM, it will be restored with explicit restore command, when the part emerges from power-on reset
after power is applied, or after toggling the Reset pin. While either of these commands is being processed, the part
will indicate it is busy, see Response When Part Is Busy on page 48.
STORE_USER_ALL. Issuing this command will store all operating memory commands with a corresponding EEPROM
memory location.
RESTORE_USER_ALL. Issuing this command will restore all commands from EEPROM Memory. It is recommended
that this command not be executed while a unit is enabled since all monitoring is suspended while the EEPROM is
transferred to operating memory, and intermediate values from EEPROM may not be compatible with the values initially
stored in operating memory.
Bulk Programming the User EEPROM Space
The MFR_EE_UNLOCK, MFR_EE_ERASE and MFR_EE_DATA commands provide a method for 3rd party EEPROM
programming houses and end users to easily program the LTC2972 independent of any order dependencies or delays
between PMBus commands. All data transfers are directly to and from the EEPROM and do not affect the volatile RAM
space currently configuring the device.
Thefirststepistoprogramamasterreferencepartwiththedesiredconfiguration.MFR_EE_UNLOCKandMFR_EE_DATA
are then used to read back all the data in User EEPROM space as sequential words. This information is stored to the
master programming HEX file. Subsequent parts may be cloned to match the master part using MFR_EE_UNLOCK,
MFR_EE_ERASE and MFR_EE_DATA to transfer data from the master HEX file. These commands operate directly on
the EEPROM independent of the part configurations stored in RAM space. During EEPROM access the part will indicate
that it is busy as described below.
In order to support simple programming fixtures the bulk programming features only uses PMBus word and byte com-
mands. The MFR_UNLOCK configures the appropriate access mode and resets an internal address pointer allowing
a series of word commands to behave as a block read or write with the address pointer being incremented after each
operation. PEC use is optional and is configured by the MFR_EE_UNLOCK operation.
PROGRAMMING USER EEPROM SPACE
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS EEPROM
DEFAULT
VALUE
REF
PAGE
STORE_USER_ALL
0x15
Store entire operating memory to EEPROM.
Send Byte
N
NA
46
RESTORE_USER_ALL
0x16
Restore entire operating memory from
EEPROM.
Send Byte
N
NA
46
MFR_EE_UNLOCK
0xBD Unlock user EEPROM for access by MFR_
EE_ERASE and MFR_EE_DATA commands.
R/W Byte
N
Reg
NA
47
MFR_EE_ERASE
0xBE
Initialize user EEPROM for bulk
programming by MFR_EE_DATA.
R/W Byte
N
Reg
NA
47
MFR_EE_DATA
0xBF
Data transferred to and from EEPROM using
sequential PMBus word reads or writes.
Supports bulk programming.
R/W Word
N
Reg
NA
47
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com