Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 66 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 66 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 62Page - Linear Technology LTC2972 Datasheet HTML 63Page - Linear Technology LTC2972 Datasheet HTML 64Page - Linear Technology LTC2972 Datasheet HTML 65Page - Linear Technology LTC2972 Datasheet HTML 66Page - Linear Technology LTC2972 Datasheet HTML 67Page - Linear Technology LTC2972 Datasheet HTML 68Page - Linear Technology LTC2972 Datasheet HTML 69Page - Linear Technology LTC2972 Datasheet HTML 70Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 112 page
background image
LTC2972
66
2972fa
For more information www.linear.com/LTC2972
TON_MAX_FAULT_RESPONSE Data Contents
BIT(S) SYMBOL
OPERATION
b[7:6] Ton_max_fault_response_
action
Response action:
00b: The unit continues operation without interruption.
01b-11b: The unit shuts down immediately or sequences off after TOFF_DELAY (See Mfr_config_track_enn).
After shutting down, the device responds according to the retry settings in bits [5:3].
b[5:3] Ton_max_fault_response_retry Response retry behavior:
000b: A zero value for the retry setting means that the unit does not attempt to restart. The output remains
disabled until the fault is cleared.
001b-111b: The PMBus device attempts to restart the number of times specified by the global Mfr_retry_
count[2:0] until it is commanded OFF (by the CONTROL pin or OPERATION command or both), bias power is
removed, or another fault condition causes the unit to shut down.
Changing the value might not take effect until the next off-then-on sequence on that channel.
b[2:0] Ton_max_fault_response_delay Hard coded to 000b: There is no additional deglitch delay applied to fault detection.
MFR_RETRY_DELAY
This command determines the retry interval when the LTC2972 is in retry mode in response to a fault condition. This
delay is counted using SHARE_CLK only. This delay is internally limited to 13.1 seconds, and rounded to the nearest
200µs. The read value of this command always returns what was last written and does not reflect internal limiting.
PMBus COMMAND DESCRIPTION
MR_RETRY_COUNT
The MFR_RETRY_COUNT is a global command that sets the number of retries attempted when any channel faults off
with its fault response retry field set to a non zero value.
In the event of multiple or recurring retry faults on the same channel the total number of retries equals MFR_RETRY_
COUNT. If a channel has not been faulted off for at least 16 seconds, its retry counter is cleared. Toggling a channel’s
CONTROL pin off then on or issuing OPERATION off then on commands will synchronously clear the retry count.
MFR_RETRY_COUNT Data Contents
BIT(S) SYMBOL
OPERATION
b[7:3] Reserved
Always returns zero.
b[2:0] Mfr_retry_count [2:0]
0: No retries:
1-6: Number of retries.
7: Infinite retries.
Changing the value might not take effect until the next off-then-on sequence on that channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com