Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 38 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 34Page - Linear Technology LTC2972 Datasheet HTML 35Page - Linear Technology LTC2972 Datasheet HTML 36Page - Linear Technology LTC2972 Datasheet HTML 37Page - Linear Technology LTC2972 Datasheet HTML 38Page - Linear Technology LTC2972 Datasheet HTML 39Page - Linear Technology LTC2972 Datasheet HTML 40Page - Linear Technology LTC2972 Datasheet HTML 41Page - Linear Technology LTC2972 Datasheet HTML 42Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 112 page
background image
LTC2972
38
2972fa
For more information www.linear.com/LTC2972
ON_OFF_CONFIG
The ON_OFF_CONFIG command configures the combination of CONTROL pin input and PMBus commands needed
to turn the LTC2972 on/off, including the power-on behavior, as shown in the following table. This command register
responds to the global page command (PAGE = 0xFF). After the part has initialized, an additional comparator monitors
VIN_SNS. The VIN_ON threshold must be exceeded before the output power sequencing can begin. After VIN is ini-
tially applied, the part will typically require tINIT to initialize and begin the TON_DELAY timer. The readback of voltages
and currents may require an additional wait for tUPDATE_ADC. A minimum tOFF_MIN wait time must be observed for any
CONTROL pin used toggle to turn the unit off and then back on.
ON_OFF_CONFIG Data Contents
BIT(S) SYMBOL
OPERATION
b[7:5] Reserved
Don’t care. Always returns 0.
b[4] On_off_config_controlled_on
Control default autonomous power up operation.
0: Unit powers up regardless of the CONTROL pin or OPERATION value. Unit always powers up with
sequencing. To turn unit on without sequencing, set TON_DELAY = 0.
1: Unit does not power up unless commanded by the CONTROL pin and/or the OPERATION command on the
serial bus. If On_off_config[3:2] = 00, the unit never powers up.
b[3] On_off_config_use_pmbus
Controls how the unit responds to commands received via the serial bus.
0: Unit ignores the Operation_control[1:0].
1: Unit responds to Operation_control[1:0]. Depending on On_off_config_use_control, the unit may also
require the CONTROL pin to be asserted for the unit to start.
b[2] On_off_config_use_control
Controls how unit responds to the CONTROL pin.
0: Unit ignores the CONTROL pin.
1: Unit requires the CONTROL pin to be asserted to start the unit. Depending on On_off_config_use_pmbus
the OPERATION command may also be required to instruct the device to start.
b[1] Reserved
Not supported. Always returns 1.
b[0] On_off_config_control_fast_off CONTROL pin turn off action when commanding the unit to turn off.
0: Use the programmed TOFF_DELAY.
1: Turn off the output and stop transferring energy as quickly as possible. The device does not sink current in
order to decrease the output voltage fall time.
MFR_CONFIG_LTC2972
This command is used to configure various manufacturer specific operating parameters for each channel.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com