Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 16Page - Linear Technology LTC2972 Datasheet HTML 17Page - Linear Technology LTC2972 Datasheet HTML 18Page - Linear Technology LTC2972 Datasheet HTML 19Page - Linear Technology LTC2972 Datasheet HTML 20Page - Linear Technology LTC2972 Datasheet HTML 21Page - Linear Technology LTC2972 Datasheet HTML 22Page - Linear Technology LTC2972 Datasheet HTML 23Page - Linear Technology LTC2972 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 112 page
background image
LTC2972
20
2972fa
For more information www.linear.com/LTC2972
OPERATION
• Record minimum and maximum input voltage, input
current, input power, output voltages, output currents
and output temperatures.
• Access user EEPROM data directly, without alter-
ing RAM space (Mfr_ee_unlock, Mfr_ee_erase, and
Mfr_ee_data).Facilitatesin-housebulkprogramming.
• Accommodate multiple hosts with Command Plus.
EEPROM
The LTC2972 contains internal EEPROM (Nonvolatile
Memory) with error-correcting-code (ECC) to store con-
figuration settings and fault log information. EEPROM
endurance, retention and mass write operation time are
specifiedovertheoperatingtemperaturerange.SeeElectri-
calCharacteristicsandAbsoluteMaximumRatingssections.
Non-destructive operation above TJ = 105°C is possible
although the Electrical Characteristics are not guaranteed
and the EEPROM will be degraded.
Operating the EEPROM above 105°C may result in a
degradation of retention characteristics. The fault logging
function, which is useful in debugging system problems
that may occur at high temperatures, only writes to fault
log EEPROM locations. If occasional writes to these
registers occur above 105°C, a slight degradation in the
data retention characteristics of the fault log may occur.
It is recommended that the EEPROM not be written using
STORE_USER_ALL or bulk programming when TJ>85°C.
The degradation in EEPROM retention for temperatures
>105°C can be approximated by calculating the dimen-
sionless acceleration factor using the following equation.
AF = e
Ea
k
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟ •
1
TUSE +273
–
1
TSTRESS+273
⎛
⎝
⎜
⎜⎜
⎞
⎠
⎟
⎟⎟
⎡
⎣
⎢
⎢
⎢
⎤
⎦
⎥
⎥
⎥
where:
AF = acceleration factor
Ea = activation energy = 1.4eV
k = 8.617 • 10–5 eV/°K
TUSE = 105°C specified junction temperature
TSTRESS = actual junction temperature °C
Example: Calculate the effect on retention when operating
at a junction temperature of 125°C for 10 hours.
TSTRESS = 125°C
TUSE = 105°C
AF = 8.65
Equivalent operating time at 105°C = 86.5 hours.
So the overall retention of the EEPROM was degraded
by an additional 76.5 hours as a result of operation at a
junction temperature of 125°C for 10 hours. Note that the
effect of this overstress is negligible when compared to
the overall EEPROM retention rating of 175,200 hours at
a junction temperature of 105°C.
AUXFAULTB
The MFR_CONFIG2_LTC2972 and MFR_CONFIG3_
LTC2972 commands can be used on a per channel basis
to select which, if any, fault conditions will cause the
AUXFAULTB pin to be driven low. The only fault types
which can be propagated to the AUXFAULTB pin are over/
under voltage faults.
RESETB
Holding the WDI/RESETB pin low for more than tRESETB
will cause the LTC2972 to enter the power-on reset state.
While in the power-on reset state, the device will not
communicate on the I2C bus. Following the subsequent
rising-edge of the WDI/RESETB pin, the LTC2972 will
execute its power-on sequence per the user configuration
stored in EEPROM. Connect WDI/RESETB to VDD33 with
a 10k resistor. WDI/RESETB includes an internal 256µs
deglitch filter so additional filter capacitance on this pin
is not recommended.
VDDIO
The VDDIO pin defines the input threshold of the SDA, SCL,
ALERTB, PWRGD, FAULTB[1:0], CONTROL[1:0], PG[1:0],
WDI/RESETB,andWPpinstoallowforlowervoltagedigital
communication.AninternalresistivedividerattheVDDIOpin
setstheinternalthresholdvoltagetoapproximately45%of
the VDDIO pin voltage. The VOUT_EN[1:0], AUX_FAULTB,
and SHARE_CLK pins are not affected by the voltage at
the VDDIO pin and should always be pulled up to VDD33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com