Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 3Page - Linear Technology LTC2972 Datasheet HTML 4Page - Linear Technology LTC2972 Datasheet HTML 5Page - Linear Technology LTC2972 Datasheet HTML 6Page - Linear Technology LTC2972 Datasheet HTML 7Page - Linear Technology LTC2972 Datasheet HTML 8Page - Linear Technology LTC2972 Datasheet HTML 9Page - Linear Technology LTC2972 Datasheet HTML 10Page - Linear Technology LTC2972 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
LTC2972
7
2972fa
For more information www.linear.com/LTC2972
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VPWR = VIN_SNS = 12V, VDD33 = VDDIO, VDD33, VDD25, REFP and REFM
pins floating, unless otherwise indicated. CVDD33 = 100nF, CVDD25 = 100nF, CVIN_SNS_CAP = 10nF and CREF = 100nF. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
COUT
Output Capacitance
VDACn Hi-Z
10
pF
tS_VDAC
DAC Output Update Rate
Fast Servo Mode
500
µs
Voltage Supervisor Characteristics
VIN_VS
Input Voltage Range
(Programmable)
VIN_VS = (VSENSEPn
– VSENSEMn)
Low Resolution Mode
High Resolution Mode
l
l
0
0
6
3.8
V
V
Single-Ended Voltage: VSENSEMn
l
–0.1
0.1
V
N_VS
Voltage Sensing Resolution
0V to 3.8V Range: High Resolution Mode
4
mV/LSB
0V to 6V Range: Low Resolution Mode
8
mV/LSB
TUE_VS
Total Unadjusted Error
2V ≤ VIN_VS ≤ 6V, Low Resolution Mode
l
±1.25 % of Reading
VIN_VS ≤ 2V, Low Resolution Mode
±25
mV
1.5V < VIN_VS ≤ 3.8V, High Resolution Mode
l
±1.0 % of Reading
0.8V ≤ VIN_VS ≤ 1.5V, High Resolution Mode
l
±1.5 % of Reading
VIN_VS ≤ 0.8V, High Resolution Mode
±12
mV
tS_VS
Update Rate
12.21
µs
VIN_SNS Input Characteristics
VIN_SNS
VIN_SNS Input Voltage Range
(Note 9)
l
0
15
V
IVIN_SNS
VIN_SNS Input Current
VVIN_SNS = 4.5V
l
80
140
200
µA
VVIN_SNS = 12V
l
150
250
350
µA
VVIN_SNS = 15V
l
180
300
420
µA
TUEVIN_SNS
VIN_ON, VIN_OFF Threshold Total
Unadjusted Error
4.5V ≤ VVIN_SNS ≤ 8V
l
±2.0 % of Reading
VVIN_SNS > 8V
l
±1.0 % of Reading
TUE_VIN
READ_VIN Total Unadjusted Error
4.5V ≤ VVIN_SNS ≤ 15V (Note 9)
l
±0.5 % of Reading
DAC Soft-Connect Comparator Characteristics
VOS_CMP
Offset Voltage
VDACPn = 0.2V
l
±1
±18
mV
VDACPn = 1.3V
l
±2
±26
mV
VDACPn = 2.65V
l
±3
±52
mV
Input Current Sense Characteristics
VIIN
Common Mode Input Range
VIIN_SNSP = VIIN_SNSM (Note 9)
l
4.5
15
V
IIIN
IIIN_SNSP, IIIN_SNSM Input Current
VIIN_SNSP = VIIN_SNSM = VIIN_SNS (Note 2)
l
0.5
2
µA
FS_IIN
Full-Scale Input Current Sense
Voltage Range
Referred to (VIIN_SNSP – VIIN_SNSM) High Range
Medium Range
Low Range
l
l
l
–100
–50
–20
100
50
20
mV
mV
mV
TUE_IIN
Total Unadjusted Error
|VIIN_SNSP – VIIN_SNSM| = 100mV, High Range
|VIIN_SNSP – VIIN_SNSM| = 50mV, Medium Range
|VIIN_SNSP – VIIN_SNSM| = 20mV, Low Range
l
l
l
±0.6
±0.65
±0.75
% of Reading
% of Reading
% of Reading
|VIIN_SNSP – VIIN_SNSM| = 20mV, High Range
|VIIN_SNSP – VIIN_SNSM| = 15mV, Medium Range
|VIIN_SNSP – VIIN_SNSM| = 10mV, Low Range
l
l
l
±1
±1
±1
% of Reading
% of Reading
% of Reading
|VIIN_SNSP – VIIN_SNSM| = 0mV, High Range
|VIIN_SNSP – VIIN_SNSM| = 0mV, Medium Range
|VIIN_SNSP – VIIN_SNSM| = 0mV, Low Range
l
l
l
±100
±75
±50
µV
µV
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com