Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 4Page - Linear Technology LTC2972 Datasheet HTML 5Page - Linear Technology LTC2972 Datasheet HTML 6Page - Linear Technology LTC2972 Datasheet HTML 7Page - Linear Technology LTC2972 Datasheet HTML 8Page - Linear Technology LTC2972 Datasheet HTML 9Page - Linear Technology LTC2972 Datasheet HTML 10Page - Linear Technology LTC2972 Datasheet HTML 11Page - Linear Technology LTC2972 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
LTC2972
8
2972fa
For more information www.linear.com/LTC2972
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR_IIN
DC CMRR
4.5V ≤ VIIN_SNSP = VIIN_SNS ≤ 15V
|VIIN_SNSP – VIIN_SNSM| = 100mV
High Range
l
85
dB
AC CMRR
VIIN_SNSP = VIIN_SNS= 12V ± 100mV
f = 62.5kHz
85
dB
tCONV_IIN
Conversion Time
25
ms
tUPDATE
Update Rate
5.4
Hz
External Temperature Sensor Characteristics (READ_TEMPERATURE_1)
tCONV_TSENSE Conversion Time
For One Channel, (Total Latency for Both Channels
Is 2 • 66ms)
66
ms
ITSENSE_HI
TSENSE High Level Current
l
–90
–64
–40
µA
ITSENSE_LOW TSENSE Low Level Current
l
–5.5
–4
–2.5
µA
TUE_TS
Total Unadjusted Error
Ideal Diode Assumed
±3
°C
N_TS
Maximum Ideality Factor
READ_TEMPERATURE_1 = 175°C
MFR_TEMP_1_GAIN = 1/N_TS
1.10
Internal Temperature Sensor Characteristics (READ_TEMPERATURE_2)
TUE_TS2
Total Unadjusted Error
±1
°C
VOUT Enable Output (VOUT_EN [1:0]) Characteristics
IVOUT_ENn
Output Sinking Current
Strong Pull-Down Enabled,
VVOUT_ENn = 0.4V
l
3
5
8
mA
VVOUT_ENn = 0.4V
l
33
50
65
µA
Output Leakage Current
0V ≤ VVOUT_ENn ≤ 15V
l
±20
µA
VVOUT_VALID Minimum VDD33 when VOUT_ENn Valid VVOUT_ENn ≤ 0.4V
l
1.1
V
General Purpose Output (AUXFAULTB) Characteristics
IAUXFAULTB
Output Sinking Current
Strong Pull-Down Enabled, VAUXFAULTB = 0.4V
l
3
5
8
mA
Output Leakage Current
0V ≤ VAUXFAULTB ≤ 15V
l
±20
µA
Energy Meter Characteristics
TUE_ETB
Energy Meter Time-Base Error
l
±1
% of Reading
TUE_PIN
READ_PIN Total Unadjusted Error
VIIN_SNSP – VIIN_SNSM = 50mV, Medium Range
l
±1
% of Reading
TUE_EIN
Energy Meter Total Unadjusted Error VIIN_SNSP – VIIN_SNSM = 50mV, Medium Range
l
±2
% of Reading
EEPROM Characteristics
Endurance
(Notes 10, 11)
0°C < TJ < 85°C During EEPROM Write Operations l
10,000
Cycles
Retention
(Notes 10, 11)
TJ < 105°C
l
20
Years
tMASS_WRITE Mass Write Operation Time
(Note 12)
STORE_USER_ALL, 0°C < TJ < 85°C During
EEPROM Write Operations
l
200
4100
ms
Digital Inputs SCL, SDA, CONTROL0, CONTROL1, PG0, PG1, WDI/RESETB, FAULTB0, FAULTB1, WP
VIH
Input High Threshold Voltage
1.62V ≤ VVDDIO ≤ 3.6V
l
0.7 • VVDDIO
V
VIL
Input Low Threshold Voltage
1.62V ≤ VVDDIO ≤ 3.6V
l
0.3 • VVDDIO
V
VHYST
Input Hysteresis
FAULTBn, CONTROLn, PGn, WDI/RESETB, WP
20
mV
SDA, SCL
80
mV
ILEAK
Input Leakage Current
0V ≤ VPIN ≤ 3.6V
l
±2
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VPWR = VIN_SNS = 12V, VDD33 = VDDIO, VDD33, VDD25, REFP and REFM
pins floating, unless otherwise indicated. CVDD33 = 100nF, CVDD25 = 100nF, CVIN_SNS_CAP = 10nF and CREF = 100nF. (Note 2)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com