Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 53 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 53 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 49Page - Linear Technology LTC2972 Datasheet HTML 50Page - Linear Technology LTC2972 Datasheet HTML 51Page - Linear Technology LTC2972 Datasheet HTML 52Page - Linear Technology LTC2972 Datasheet HTML 53Page - Linear Technology LTC2972 Datasheet HTML 54Page - Linear Technology LTC2972 Datasheet HTML 55Page - Linear Technology LTC2972 Datasheet HTML 56Page - Linear Technology LTC2972 Datasheet HTML 57Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 112 page
background image
LTC2972
53
2972fa
For more information www.linear.com/LTC2972
VOUT_COMMAND, VOUT_MAX, VOUT_MARGIN_HIGH, VOUT_MARGIN_LOW, VOUT_OV_FAULT_LIMIT,
VOUT_OV_WARN_LIMIT, VOUT_UV_WARN_LIMIT, VOUT_UV_FAULT_LIMIT, POWER_GOOD_ON and
POWER_GOOD_OFF
These commands provide various servo, margining and supervising limits for a channel’s output voltage.
MFR_VOUT_DISCHARGE_THRESHOLD
This register contains the coefficient that multiplies VOUT_COMMAND in order to determine the OFF threshold volt-
age for the associated output. If the output voltage has not decayed below MFR_VOUT_DISCHARGE_THRESHOLD •
VOUT_COMMAND prior to the channel being commanded to enter/re-enter the ON state, the Status_mfr_discharge bit
in the STATUS_MFR_SPECIFIC register will be set and the ALERTB pin will be asserted low. In addition, the channel
will not enter the ON state until the output has decayed below its off-threshold voltage. Setting this to a value greater
than 1.0 effectively disables DISCHARGE_THRESHOLD checking, allowing the channel to turn back on even if it has
not decayed at all.
Other channels can be held-off if a particular output has failed to discharge by using the bidirectional FAULTBn pins
(refer to the MFR_FAULTBn_RESPONSE and MFR_FAULTBn_PROPOGATE registers).
MFR_DAC_STARTUP
This command register programs the 10-bit DAC to a specific DAC code when a channel is enabled with the DAC
set to connect immediately and servo is disabled (MFR_CONFIG_LTC2972 b[5:4] = 10b). This value is loaded from
EEPROM at power-on-reset or after a RESTORE USER_ALL command. After loading, all subsequent DAC values are
set by writing to the MFR_DAC command register. If soft-connect mode is enabled, the value in this register is ignored.
MFR_DAC_STARTUP Data Contents
BIT(S) SYMBOL
OPERATION
b[15:10] Reserved
Read only, always returns 0.
b[9:0] Mfr_dac_startup_val
DAC code value.
MFR_DAC
This command register allows the user to directly program the 10-bit DAC. Manual DAC writes require the chan-
nel to be in the ON state,TON_RISE to have expired and MFR_CONFIG_LTC2972 b[5:4] = 10b or 11b. Writing
MFR_CONFIG_LTC2972 b[5:4] = 10b commands the DAC to hard connect with the value in Mfr_dac_direct_val.
Writing b[5:4] = 11b commands the DAC to soft connect. Once the DAC has soft connected, Mfr_dac_direct_val
returns the value that allowed the DAC to be connected without perturbing the power supply. MFR_DAC writes are
ignored when MFR_CONFIG_LTC2972 b[5:4] = 00b or 01b.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com