Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 63 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 63 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 59Page - Linear Technology LTC2972 Datasheet HTML 60Page - Linear Technology LTC2972 Datasheet HTML 61Page - Linear Technology LTC2972 Datasheet HTML 62Page - Linear Technology LTC2972 Datasheet HTML 63Page - Linear Technology LTC2972 Datasheet HTML 64Page - Linear Technology LTC2972 Datasheet HTML 65Page - Linear Technology LTC2972 Datasheet HTML 66Page - Linear Technology LTC2972 Datasheet HTML 67Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
LTC2972
63
2972fa
For more information www.linear.com/LTC2972
FAULT RESPONSES
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS EEPROM
DEFAULT
VALUE
REF
PAGE
VOUT_OV_FAULT_RESPONSE
0x41
Action to be taken by the device when an
output overvoltage fault is detected.
R/W Byte
Y
Reg
Y
0x80
64
VOUT_UV_FAULT_RESPONSE
0x45
Action to be taken by the device when an
output undervoltage fault is detected.
R/W Byte
Y
Reg
Y
0x7F
64
OT_FAULT_RESPONSE
0x50
Action to be taken by the device when an
overtemperature fault is detected on the
external temperature sensor.
R/W Byte
Y
Reg
Y
0xB8
<OV>
UT_FAULT_RESPONSE
0x54
Action to be taken by the device when an
undertemperature fault is detected on the
external temperature sensor.
R/W Byte
Y
Reg
Y
0xB8
<OV>
VIN_OV_FAULT_RESPONSE
0x56
Action to be taken by the device when an
input overvoltage fault is detected.
R/W Byte
N
Reg
Y
0x80
<OV>
VIN_UV_FAULT_RESPONSE
0x5A Action to be taken by the device when an
input undervoltage fault is detected.
R/W Byte
N
Reg
Y
0x00
<OV>
TON_MAX_FAULT_RESPONSE
0x63
Action to be taken by the device when a
TON_MAX_FAULT event is detected.
R/W Byte
Y
Reg
Y
0xB8
65
MFR_RETRY_DELAY
0xDB Retry interval during FAULT retry mode.
R/W Word
N
L11
ms
Y
200
0xF320
66
MFR_RETRY_COUNT
0xF7
Retry count for all faulted off conditions
that enable retry.
R/W Byte
N
Reg
Y
0x00
52
Watchdog Operation
A non-zero write to the MFR_WATCHDOG_T register will reset the watchdog timer. Low-to-high transitions on the
WDI/RESETB pin also reset the watchdog timer. If the timer expires, ALERTB is asserted and the PWRGD output
is optionally de-asserted and then reasserted after MFR_PWRGD_ASSERTION_DELAY ms. Writing 0 to either the
MFR_WATCH_DOG_T or MFR_WATCHDOG_T_FIRST registers will disable the timer.
MFR_WATCHDOG_T_FIRST and MFR_WATCHDOG_T
The MFR_WATCHDOG_T_FIRST register allows the user to program the duration of the first watchdog timer interval
following assertion of the PWRGD pin, assuming the PWRGD pin reflects the status of the watchdog timer. If assertion
of PWRGD is not conditioned by the watchdog timer’s status, then MFR_WATCHDOG_T_FIRST applies to the first
timing interval after the timer is enabled. Writing a value of 0ms to the MFR_WATCHDOG_T_FIRST register disables
the watchdog timer. This delay is internally limited to 65 seconds and rounded to the nearest 1ms.
The MFR_WATCHDOG_T register allows the user to program watchdog timer intervals subsequent to the MFR_
WATCHDOG_T_FIRST timing interval. Writing a value of 0ms to the MFR_WATCHDOG_T register disables the watchdog
timer. This delay is internally limited to 655ms and rounded to the nearest 10µs.
Both timers operate on an internal clock independent of SHARE_CLK. The read value of both commands always returns
what was last written and does not reflect internal limiting.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com