Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 64 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 64 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 60Page - Linear Technology LTC2972 Datasheet HTML 61Page - Linear Technology LTC2972 Datasheet HTML 62Page - Linear Technology LTC2972 Datasheet HTML 63Page - Linear Technology LTC2972 Datasheet HTML 64Page - Linear Technology LTC2972 Datasheet HTML 65Page - Linear Technology LTC2972 Datasheet HTML 66Page - Linear Technology LTC2972 Datasheet HTML 67Page - Linear Technology LTC2972 Datasheet HTML 68Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
LTC2972
64
2972fa
For more information www.linear.com/LTC2972
Clearing Latched Faults
Latched faults are reset by toggling the CONTROL pin, using the OPERATION command, or removing and reapplying
the bias voltage to the VIN_SNS pin. All fault and warning conditions result in the ALERTB pin being asserted low and
the corresponding bits being set in the status registers. The CLEAR_FAULTS command resets the contents of the
status registers and de-asserts the ALERTB output. The CLEAR_FAULTS does not clear a faulted off state nor allow a
channel to turn back on.
VOUT_OV_FAULT_RESPONSE and VOUT_UV_FAULT_RESPONSE
The fault response documented here is for voltages that are measured by the high speed supervisor. These voltages
are measured over a short period of time and may require a deglitch period. Note that in addition to the response
described by these commands, the LTC2972 will also:
• Set the appropriate bit(s) in the STATUS_BYTE.
• Set the appropriate bit(s) in the STATUS_WORD.
• Set the appropriate bit in the corresponding STATUS_VOUT register, and
• Notify the host by pulling the ALERTB pin low.
VOUT_OV_FAULT_RESPONSE and VOUT_UV_FAULT_RESPONSE Data Contents
BIT(S) SYMBOL
OPERATION
b[7:6] Vout_ov_fault_response_action,
Vout_uv_fault_response_action
Response action:
00b: The unit continues operation without interruption.
01b: The unit continues operating for the delay time specified by bits[2:0] in increments of tS_VS. See
Electrical Characteristics Table. If the fault is still present at the end of the delay time, the unit shuts down
immediately or sequences off after TOFF_DELAY (See Mfr_config_track_enn). After shutting down, the device
responds according to the retry settings in bits [5:3].
10b-11b: The unit shuts down immediately or sequences off after TOFF_DELAY (See Mfr_config_track_enn).
After shutting down, the device responds according to the retry settings in bits [5:3].
b[5:3] Vout_ov_fault_response_retry,
Vout_uv_fault_response_retry
Response retry behavior:
000b: A zero value for the retry setting means that the unit does not attempt to restart. The output remains
disabled until the fault is cleared.
001b-111b: The PMBus device attempts to restart the number of times specified by the global Mfr_retry_
count[2:0] until it is commanded OFF (by the CONTROL pin or OPERATION command or both), bias power is
removed, or another fault condition causes the unit to shut down.
Changing the value might not take effect until the next off-then-on sequence on that channel.
b[2:0] Vout_ov_fault_response_delay,
Vout_uv_fault_response_delay
This sample count determines the amount of time a unit is to ignore a fault after it is first detected. Use this
delay to deglitch fast faults.
000b: There is no additional deglitch delay applied to fault detection.
001b-111b: The fault is deglitched for deglitch period of b[2:0] samples at a sampling period of tS_VS (12.2µs
typical).
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com