Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 5 Page - Linear Technology

  LTC2972 Datasheet HTML 1Page - Linear Technology LTC2972 Datasheet HTML 2Page - Linear Technology LTC2972 Datasheet HTML 3Page - Linear Technology LTC2972 Datasheet HTML 4Page - Linear Technology LTC2972 Datasheet HTML 5Page - Linear Technology LTC2972 Datasheet HTML 6Page - Linear Technology LTC2972 Datasheet HTML 7Page - Linear Technology LTC2972 Datasheet HTML 8Page - Linear Technology LTC2972 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
LTC2972
5
2972fa
For more information www.linear.com/LTC2972
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VPWR = VIN_SNS = 12V, VDD33 = VDDIO, VDD33, VDD25, REFP and REFM
pins floating, unless otherwise indicated. CVDD33 = 100nF, CVDD25 = 100nF, CVIN_SNS_CAP = 10nF and CREF = 100nF. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Characteristics
VPWR
VPWR Supply Input Operating Range VDD33 Floating
l
4.5
15
V
IPWR
VPWR Supply Current
4.5V ≤ VPWR ≤ 15V, VDD33 Floating
l
6.7
9
mA
IVDD33
VDD33 Supply Current
3.13V ≤ VDD33 ≤ 3.47V, VPWR = VDD33
l
6.7
9
mA
VUVLO_VDD33 VDD33 Undervoltage Lockout
VDD33 Ramping Up, VPWR = VDD33
l
2.25
2.55
2.8
V
VDD33 Undervoltage Lockout
Hysteresis
120
mV
VDD33
Supply Input Operating Range
VPWR = VDD33
l
3.13
3.47
V
Regulator Output Voltage
4.5V ≤ VPWR ≤ 15V
l
3.13
3.26
3.47
V
Regulator Output Short-Circuit
Current
VPWR = 4.5V, VDD33 = 0V
l
75
90
140
mA
VDD25
Regulator Output Voltage
3.13V ≤ VDD33 ≤ 3.47V
l
2.35
2.5
2.6
V
Regulator Output Short-Circuit
Current
VPWR = VDD33 = 3.47V, VDD25 = 0V
l
30
55
80
mA
tINIT
Initialization Time
Time from VIN applied until the TON_DELAY
Timer Starts
30
ms
VDDIO
VDDIO Input Operating Range
l
1.62
3.6
V
RIN
VDDIO Input Resistance
0 ≤ VVDDIO ≤ 3.6V
l
53
68.8
86
kΩ
Voltage Reference Characteristics
VREF
Output Voltage (Note 3)
VREF = VREFP – VREFM, 0 < IREFP < 100µA
l
1.216
1.228 1.240
V
Temperature Coefficient
3
ppm/°C
Hysteresis
(Note 4)
100
ppm
ADC Characteristics
VIN_ADC
Voltage Sense Input Range
Differential Voltage:
VIN_ADC = (VSENSEPn – VSENSEMn)
l
0
6
V
Single-Ended Voltage: VSENSEMn
l
–0.1
0.1
V
Current Sense Input Range
Single-Ended Voltage: ISENSEPn, ISENSEMn
l
–0.1
6
V
Differential Current Sense Voltage:
VIN_ADC = (ISENSEPn – ISENSEMn)
Mfr_config_imon_sel = 0
Mfr_config_imon_sel = 1
l
l
–170
–0.1
170
6
mV
V
N_ADC
Voltage Sense Resolution
0V ≤ VIN_ADC ≤ 6V, READ_VOUT
122
µV/LSB
Current Sense Resolution
with IOUT_CAL_GAIN = 1Ω
0mV ≤ |VIN_ADC| < 16mV (Note 5)
16mV ≤ |VIN_ADC| < 32mV
32mV ≤ |VIN_ADC| < 63.9mV
63.9mV ≤ |VIN_ADC| < 127.9mV
127.9mV ≤ |VIN_ADC|
15.625
31.25
62.5
125
250
µA/LSB
µA/LSB
µA/LSB
µA/LSB
µA/LSB
TUE_ADC_
VOLT_SNS
Total Unadjusted Error (Note 3)
Voltage Sense Inputs VIN_ADC ≥ 1V
l
±0.25 % of Reading
Voltage Sense Inputs 0 ≤ VIN_ADC ≤ 1V
l
±2.5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com