Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 35 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 31Page - Linear Technology LTC2972 Datasheet HTML 32Page - Linear Technology LTC2972 Datasheet HTML 33Page - Linear Technology LTC2972 Datasheet HTML 34Page - Linear Technology LTC2972 Datasheet HTML 35Page - Linear Technology LTC2972 Datasheet HTML 36Page - Linear Technology LTC2972 Datasheet HTML 37Page - Linear Technology LTC2972 Datasheet HTML 38Page - Linear Technology LTC2972 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 112 page
background image
LTC2972
35
2972fa
For more information www.linear.com/LTC2972
• The next set of words read is the Preamble with 2 bytes packed into a word. Refer to the Fault Log section for details.
• The next set of words read is the Cyclical Loop Data with 2 bytes per word. Refer to the Fault Log section for details.
• Extra reads return zero.
• Interleaved PMBus word and byte commands do not interfere with an ongoing Command Plus block read.
• Interleaved PMBus block reads of MFR_FAULT_LOG will interrupt this command.
Check status to be sure the data just read was all valid:
• Write Mfr_command_plus_pointer = 0x2C with Mfr_command_plus_page = 0 and Mfr_command_plus_id = 0.
• Read data from Mfr_data_plus0 and confirm that Mfr_status_plus_block_peek_failed0 = 0.
Reading Energy Using MFR_COMMAND_PLUS and MFR_DATA_PLUS0
Write Mfr_command_plus_pointer = 0xC0 with Mfr_command_plus_page = 0 and Mfr_command_plus_id = 0.
Read data from Mfr_data_plus_0; each read returns the next data word of the MFR_EIN command:
• Byte_count[15:0] = 0x000C
• Energy_value[15:0]
• Energy_value[31:16]
• Energy_value[47:32]
• Energy_time[15:0]
• Energy_time[31:16]
• Energy_time[47:32]
Peek Operation Using MFR_DATA_PLUS0
Internal words and bytes may be read using Command Plus:
WriteMfr_command_plus_pointer=CMD_CODEwithMfr_command_plus_page=pageandMfr_command_plus_id=0.
The CMD_CODE’s are listed in the PMBus COMMAND SUMMARY table.
Read data from Mfr_data_plus0. Data is always read using a word read. Byte data is returned with upper byte set to 0.
Enabling and Disabling Poke Operations
Poke operations to Mfr_data_plus0 are enabled by writing Mfr_command_plus = 0x0BF6.
Poke operations to Mfr_data_plus0 are disabled by writing Mfr_command_plus = 0x01F6.
Poke operations to Mfr_data_plus1 are enabled by writing Mfr_command_plus = 0x4BF6.
Poke operations to Mfr_data_plus1 are disabled by writing Mfr_command_plus = 0x41F6.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com