Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 4 Page - Linear Technology

  LTC2972 Datasheet HTML 1Page - Linear Technology LTC2972 Datasheet HTML 2Page - Linear Technology LTC2972 Datasheet HTML 3Page - Linear Technology LTC2972 Datasheet HTML 4Page - Linear Technology LTC2972 Datasheet HTML 5Page - Linear Technology LTC2972 Datasheet HTML 6Page - Linear Technology LTC2972 Datasheet HTML 7Page - Linear Technology LTC2972 Datasheet HTML 8Page - Linear Technology LTC2972 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
LTC2972
4
2972fa
For more information www.linear.com/LTC2972
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages:
VPWR...................................................... –0.3V to 15V
VDD33.................................................... –0.3V to 3.6V
VDD25.................................................. –0.3V to 2.75V
Digital Input/Output Voltages:
ALERTB, SDA, SCL, CONTROL0,
CONTROL1, PG[1:0], VDDIO ................... –0.3V to 3.6V
PWRGD, SHARE_CLK, WDI/RESETB,
WP, FAULTB0, FAULTB1........................ –0.3V to 3.6V
ASEL0, ASEL1....................................... –0.3V to 3.6V
Analog Voltages:
REFP................................................... –0.3V to 1.35V
REFM.................................................... –0.3V to 0.3V
VIN_SNS, VIN_SNS_CAP ............................ –0.3V to 15V
IIN_SNSP, IIN_SNSM to VIN_SNS ............... –0.3V to 0.3V
VSENSEP[1:0].............................................. –0.3V to 6V
VSENSEM[1:0]............................................. –0.3V to 6V
ISENSEP[1:0]............................................... –0.3V to 6V
ISENSEM[1:0].............................................. –0.3V to 6V
VOUT_EN[1:0], AUXFAULTB ...................... –0.3V to 15V
VDAC[1:0]................................................... –0.3V to 6V
TSENSE[1:0]............................................. –0.3V to 3.6V
IIN_SNSP, IIN_SNSM.................................. –0.3V to 15V
Operating Junction Temperature Range:
LTC2972C ................................................ 0°C to 70°C
LTC2972I ........................................... –40°C to 105°C
Storage Temperature Range ................ –65°C to 150°C*
Maximum Junction Temperature ........................ 125°C*
*See OPERATION section for detailed EEPROM derating
information for junction temperatures in excess of 105°C.
(Notes 1, 2)
ORDER INFORMATION
TUBE
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
JUNCTION TEMPERATURE RANGE
LTC2972CUJF#PBF
LTC2972CUJF#TRPBF
LTC2972UJF
44-Lead (6mm × 7mm) Plastic QFN
0°C to 70°C
LTC2972IUJF#PBF
LTC2972IUJF#TRPBF
LTC2972UJF
44-Lead (6mm × 7mm) Plastic QFN
–40°C to 105°C
Consult ADI Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
13 14
TOP VIEW
45
GND
UJF PACKAGE
44-LEAD (6mm × 7mm) PLASTIC QFN
15 16 17 18 19 20 21 22
44 43 42 41 40 39 38 37 36 35
VIN_SNS_CAP
GND
DNC
VIN_SNS
VPWR
VDD33
VDD33
VDD25
VDD25
TSENSE0
TSENSE1
PWRGD
ISENSEP1
VSENSEM0
VSENSEP0
ISENSEM0
ISENSEP0
REFM
REFP
ASEL1
ASEL0
VDDIO
CONTROL1
CONTROL0
26
25
24
23
27
28
29
30
31
32
33
34
8
9
10
11
12
7
6
5
4
3
2
1
TJMAX = 125°C, θJCtop = 13.57°C/W, θJCbottom = 2.82°C/W
EXPOSED PAD (PIN 45) IS GND, MUST BE SOLDERED TO PCB
http://www.linear.com/product/LTC2972#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com