Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 97 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 97 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 93Page - Linear Technology LTC2972 Datasheet HTML 94Page - Linear Technology LTC2972 Datasheet HTML 95Page - Linear Technology LTC2972 Datasheet HTML 96Page - Linear Technology LTC2972 Datasheet HTML 97Page - Linear Technology LTC2972 Datasheet HTML 98Page - Linear Technology LTC2972 Datasheet HTML 99Page - Linear Technology LTC2972 Datasheet HTML 100Page - Linear Technology LTC2972 Datasheet HTML 101Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 112 page
background image
LTC2972
97
2972fa
For more information www.linear.com/LTC2972
INTERCONNECT BETWEEN MULTIPLE ADI POWER
MANAGERS
Figure 32 shows how to interconnect the pins in a typical
multi-LTC2972 array.
• All VIN_SNS lines should be tied together in a star
type connection at the point where VIN is to be sensed.
This will minimize timing errors for the case where the
ON_OFF_CONFIGisconfiguredtostarttheLTC2972based
on VIN and ignore the CONTROL line and the OPERATION
command. In multi-part applications that are sensitive to
timing differences, it is recommended that the Vin_share_
enable bit of the MFR_CONFIG_ALL_LTC2972 register be
set high in order to allow SHARE_CLK to synchronize on/
off sequencing in response to the VIN_ON and VIN_OFF
thresholds.
• Connecting all AUXFAULTB lines together will allow
selected faults on any DC/DC converter’s output in
the array to shut off a common input switch.
• ALERTB is typically one line in an array of PMBus
converters. The LTC2972 allows a rich combination of
faults and warnings to be propagated to the ALERTB
pin.
• WDI/RESETB can be used to put the LTC2972 in the
power-onresetstate.PullWDI/RESETBlowforatleast
tRESETB to enter this state.
• The FAULTB lines can be connected together to create
fault dependencies. Figure 32 shows a configuration
where a fault on any FAULTB will pull all others low.
This is useful for arrays where it is desired to abort a
startup sequence in the event any channel does not
come up (see Figure 33).
• PWRGD reflects the status of the outputs that are
mapped to it by the MFR_PWRGD_EN command.
Figure 32 shows all the PWRGD pins connected to-
gether, but any combination may be used.
APPLICATIONS INFORMATION
Figure 32. Typical Connections Between Multiple ADI Power System Managers
VIN_SNS
AUXFAULTB
SDA
SCL
ALERTB
CONTROL0
WDI/RESETB
FAULTB0
SHARE_CLK
PWRGD
GND
LTC2972 #1
VIN_SNS
AUXFAULTB
SDA
SCL
ALERTB
CONTROL0
WDI/RESETB
FAULTB0
SHARE_CLK
PWRGD
GND
2972 F32
LTC2972 #n
TO VIN OF
DC/DCs
TO INPUT
SWITCH
TO HOST CONTROLLER
TO OTHER LTC POWER SYSTEM MANAGERS – 10k EQUIVALENT PULL-UP
RECOMMENDED ON EACH LINE EXCEPT SHARE_CLK (USE 5.49k)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com