Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 88 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 88 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 84Page - Linear Technology LTC2972 Datasheet HTML 85Page - Linear Technology LTC2972 Datasheet HTML 86Page - Linear Technology LTC2972 Datasheet HTML 87Page - Linear Technology LTC2972 Datasheet HTML 88Page - Linear Technology LTC2972 Datasheet HTML 89Page - Linear Technology LTC2972 Datasheet HTML 90Page - Linear Technology LTC2972 Datasheet HTML 91Page - Linear Technology LTC2972 Datasheet HTML 92Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 112 page
background image
LTC2972
88
2972fa
For more information www.linear.com/LTC2972
CAPABILITY
The CAPABILITY command provides a way for a host system to determine some key capabilities of the LTC2972.
CAPABILITY Data Contents
BIT(S) SYMBOL
OPERATION
b[7] Capability_pec
Hard coded to 1 indicating Packet Error Checking is supported. Reading the Mfr_config_all_pec_en bit will indicate
whether PEC is currently required.
b[6:5] Capability_scl_max
Hard coded to 01b indicating the maximum supported bus speed is 400kHz.
b[4] Capability_smb_alert Hard coded to 1 indicating this device does have an ALERTB pin and does support the SMBus Alert Response Protocol.
b[3:0] Reserved
Always returns 0.
PMBUS_REVISION
PMBUS_REVISION Data Contents
BIT(S) SYMBOL
OPERATION
b[7:0] PMBus_rev
Reports the PMBus standard revision compliance. This is hard-coded to 0x11 for revision 1.1.
MFR_SPECIAL_ID
This register contains the manufacturer ID for the LTC2972. Always returns 0x0310.
MFR_SPECIAL_LOT
These paged registers contain information that identifies the user configuration that was programmed at the factory.
Contact the factory to request a custom factory programmed user configuration and special lot number.
IDENTIFICATION/INFORMATION
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS EEPROM
DEFAULT
VALUE
REF
PAGE
CAPABILITY
0x19 Summary of PMBus optional communication
protocols supported by this device.
R Byte
N
Reg
0xB0
88
PMBUS_REVISION
0x98 PMBus revision supported by this device.
Current revision is 1.1.
R Byte
N
Reg
0x11
88
MFR_SPECIAL_ID
0xE7 Manufacturer code for identifying the LTC2972.
R Word
N
Reg
Y
784
0x0310
88
MFR_SPECIAL_LOT
0xE8 Customer dependent codes that identify the
factory programmed user configuration stored
in EEPROM. Contact factory for default value.
R Byte
Y
Reg
Y
88
MFR_INFO
0xB6 Manufacturer Specific Information
R Word
N
Reg
NA
89
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com