Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 71 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 71 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 67Page - Linear Technology LTC2972 Datasheet HTML 68Page - Linear Technology LTC2972 Datasheet HTML 69Page - Linear Technology LTC2972 Datasheet HTML 70Page - Linear Technology LTC2972 Datasheet HTML 71Page - Linear Technology LTC2972 Datasheet HTML 72Page - Linear Technology LTC2972 Datasheet HTML 73Page - Linear Technology LTC2972 Datasheet HTML 74Page - Linear Technology LTC2972 Datasheet HTML 75Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 112 page
background image
LTC2972
71
2972fa
For more information www.linear.com/LTC2972
STATUS_TEMPERATURE
The STATUS_TEMPERATURE command returns the summary of the temperature faults or warnings which have
occurred, as shown in the following table. Note that this information is paged and refers to the temperature of the
associated external diode.
STATUS_TEMPERATURE Data Contents
BIT(S) SYMBOL
OPERATION
b[7] Status_temperature_ot_fault
Overtemperature fault.
b[6] Status_temperature_ot_warn
Overtemperature warning.
b[5] Status_temperature_ut_warn
Undertemperature warning.
b[4] Status_temperature_ut_fault
Undertemperature fault.
b[3] Reserved
Reserved. Always returns 0.
b[2] Reserved
Reserved. Always returns 0.
b[1] Reserved
Reserved. Always returns 0.
b[0] Reserved
Reserved. Always returns 0.
STATUS_CML
The STATUS_CML command returns the summary of the communication, memory and logic faults or warnings which
have occurred, as shown in the following table:
STATUS_CML Data Contents
BIT(S) SYMBOL
OPERATION
b[7] Status_cml_cmd_fault
1 = An illegal or unsupported command fault has occurred.
0 = No fault has occurred.
b[6] Status_cml_data_fault
1 = Illegal or unsupported data received.
0 = No fault has occurred.
b[5] Status_cml_pec_fault
1 = A packet error check fault has occurred. Note: PEC checking is always active in the LTC2972. Any extra
byte received before a STOP will set Status_cml_pec_fault unless the extra byte is a matching PEC byte.
0 = No fault has occurred.
b[4] Status_cml_memory_fault
1 = A fault has occurred in the EEPROM.
0 = No fault has occurred.
b[3] Status_cml_processor_fault
Not supported, always returns 0.
b[2] Reserved
Reserved, always returns 0.
b[1] Status_cml_pmbus_fault
1 = A communication fault other than ones listed in this table has occurred. This is a catch all category for
illegally formed I2C/SMBus commands (Example: An address byte with read =1 received immediately after a
START).
0 = No fault has occurred.
b[0] Status_cml_unknown_fault
Not supported, always returns 0.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com