Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 18Page - Linear Technology LTC2972 Datasheet HTML 19Page - Linear Technology LTC2972 Datasheet HTML 20Page - Linear Technology LTC2972 Datasheet HTML 21Page - Linear Technology LTC2972 Datasheet HTML 22Page - Linear Technology LTC2972 Datasheet HTML 23Page - Linear Technology LTC2972 Datasheet HTML 24Page - Linear Technology LTC2972 Datasheet HTML 25Page - Linear Technology LTC2972 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 112 page
background image
LTC2972
22
2972fa
For more information www.linear.com/LTC2972
OPERATION
EEPROM Related Commands
COMMAND
TYPICAL DELAY* COMMENT
STORE_USER_ALL
tMASS_WRITE
See Electrical Characterization table. The LTC2972 will not accept any commands while it is transferring
register contents to the EEPROM. The command byte will be NACKed. MFR_COMMON may always be read.
RESTORE_USER_ALL
30ms
The LTC2972 will not accept any commands while it is transferring EEPROM data to command registers.
The command byte will be NACKed. MFR_COMMON may always be read.
MFR_FAULT_LOG_CLEAR
175ms
The LTC2972 will not accept any commands while it is initializing the fault log EEPROM space. The
command byte will be NACKed. MFR_COMMON may always be read.
MFR_FAULT_LOG_STORE
20ms
The LTC2972 will not accept any commands while it is transferring fault log RAM buffer to EEPROM space.
The command byte will be NACKed. MFR_COMMON may always be read.
Internal Fault log
20ms
An internal fault log event is a one time event that uploads the contents of the fault log to EEPROM in
response to a fault. Internal fault logging may be disabled. Commands received during this EEPROM write
are NACKed. MFR_COMMON may always be read.
MFR_FAULT_LOG_
RESTORE
2ms
The LTC2972 will not accept any commands while it is transferring EEPROM data to the fault log RAM
buffer. The command byte will be NACKed. MFR_COMMON may always be read.
*The typical delay is measured from the command’s stop to the next command’s start.
Other Commands
COMMAND
TYPICAL DELAY* COMMENT
MFR_CONFIG
<50µs
The LTC2972 will not accept any commands while it is completing this command. The command byte will
be NACKed. MFR_COMMON may always be read.
IOUT_CAL_GAIN and
IOUT_CAL_OFFSET
<500µs
The LTC2972 will not accept any commands while it is completing this command. The command byte will
be NACKed. MFR_COMMON may always be read.
*The delay is measured from the command’s stop to the next command’s start.
Other PMBus Timing Notes
COMMAND
COMMENT
CLEAR_FAULTS
The LTC2972 will accept commands while it is completing this command but the affected status flags will not be cleared for
up to 500µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com