Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 30Page - Linear Technology LTC2972 Datasheet HTML 31Page - Linear Technology LTC2972 Datasheet HTML 32Page - Linear Technology LTC2972 Datasheet HTML 33Page - Linear Technology LTC2972 Datasheet HTML 34Page - Linear Technology LTC2972 Datasheet HTML 35Page - Linear Technology LTC2972 Datasheet HTML 36Page - Linear Technology LTC2972 Datasheet HTML 37Page - Linear Technology LTC2972 Datasheet HTML 38Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 112 page
background image
LTC2972
34
2972fa
For more information www.linear.com/LTC2972
MFR_COMMAND_PLUS Data Contents
BIT(S)
SYMBOL
OPERATION
b[15]
Mfr_command_plus_
reserved
Reserved. Always returns 0.
b[14]
Mfr_command_plus_id
Command plus host ID
0: Mfr_command_plus pointer and page are cached and used for all Mfr_data_plus0 accesses.
1: Mfr_command_plus pointer and page are cached and used for all Mfr_data_plus1 accesses.
b[13:9] Mfr_command_plus_page
Page to be used when peeking or poking via Mfr_data_plus0 or Mfr_data_plus1. Allowed values are 0
through 3. This page value is cached separately for Mfr_data_plus0 and Mfr_data_plus1 based on the value of
Mfr_command_plus_id when this register is written.
b[8:0]
Mfr_command_plus_
pointer
Internal memory location accessed by Mfr_data_plus0 or Mfr_data_plus1. Mfr_data_plus0 and Mfr_data_plus1
pointers are cached separately. Legal values are listed in the CMD Code column of the PMBus COMMAND
SUMMARY table. All other values are reserved, except for the special poke enable/disable values listed in the
Enabling And Disabling Poke Operations section, and the command values listed below for Mfr_status_plus0
and Mfr_status_plus1.
MFR_DATA_PLUS0 and MFR_DATA_PLUS1 Data Contents
BIT(S)
SYMBOL
OPERATION
b[15:0] Mfr_data_plus0
Mfr_data_plus1
A read from this register returns data referenced by the last matching Mfr_command_plus write. More
specifically, writes to Mfr_command_plus by host 0 update Mfr_data_plus0, and writes to Mfr_command_plus
by host1 update Mfr_data_plus1. Multiple sequential reads while pointer = Mfr_fault_Log return the complete
contents of the block read buffer. Block reads beyond the end of buffer return zeros.
A write to this register will transfer the data to the location referenced by the last matching Mfr_command_
plus_pointer when the Poke operation protocol described in the Poke Operation Using Mfr_data_plus0 section
is followed.
MFR_STATUS_PLUS0 and MFR_STATUS_PLUS1 Data Contents
BIT(S)
SYMBOL
OPERATION
b[7:2]
Reserved
b[1]
Mfr_status_plus_poke_
failed0
Mfr_status_plus_poke_
failed1
Status of most recent poke for matching host.
0: Last poke operation did not fail.
1: Last poke operation failed because pokes were not enabled as described in Enabling and Disabling Poke
Operations section.
b[0]
Mfr_status_plus_block_
peek_failed0
Mfr_status_plus_block_
peek_failed1
Status of most recent block peek for matching host.
0: Last block peek was not aborted.
1: Last block peek was aborted due to an intervening fault log EEPROM write, MFR_FAULT_LOG_STORE command,
or standard PMBus block read of MFR_FAULT_LOG. The intervening operation is always completed cleanly.
MFR_STATUS_PLUS0 is at command location 0x2C, and MFR_STATUS_PLUS1 is at command location 0x2D. These correspond to reserved PMBus
command locations. These two status registers can only be read via Command Plus peeks.
Reading Fault Log Using Command Plus and MFR_DATA_PLUS0
Write Mfr_command_plus_pointer = 0xEE with Mfr_command_plus_page = 0 and Mfr_command_plus_id = 0.
Read data from Mfr_data_plus0; each read returns the next data word of the MFR_FAULT_LOG command:
• The first word read is Byte_count[15:0] = 0x00FF.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com