Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 1 Page - Linear Technology

  LTC2972 Datasheet HTML 1Page - Linear Technology LTC2972 Datasheet HTML 2Page - Linear Technology LTC2972 Datasheet HTML 3Page - Linear Technology LTC2972 Datasheet HTML 4Page - Linear Technology LTC2972 Datasheet HTML 5Page - Linear Technology LTC2972 Datasheet HTML 6Page - Linear Technology LTC2972 Datasheet HTML 7Page - Linear Technology LTC2972 Datasheet HTML 8Page - Linear Technology LTC2972 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
LTC2972
1
2972fa
For more information www.linear.com/LTC2972
TYPICAL APPLICATION
FEATURES
DESCRIPTION
2-Channel PMBus Power System Manager
Featuring Programmable Power Good Outputs
TheLTC®2972isa2-channelPowerSystemManagerused
to sequence, trim (servo), margin, supervise, manage
faults, provide telemetry and create fault logs. PMBus
commands support power supply sequencing, precision
point-of-loadvoltageadjustmentandmargining.DACsuse
a proprietary soft-connect algorithm to minimize supply
disturbances.Supervisoryfunctionsincludeoverandunder
voltage and temperature threshold limits for two power
supply output channels as well as over and under voltage
threshold limits for a single power supply input channel.
Programmablefaultresponsescandisablethepowersup-
plies with optional retry after a fault is detected. Faults that
disable a power supply can automatically trigger black box
EEPROM storage of fault status and associated telemetry.
An internal 16-bit ADC monitors two output voltages, two
output currents, two external temperatures, input voltage
and current, and die temperature. Input power, energy,
and output power are also calculated. A programmable
watchdog timer monitors microprocessor activity for a
stalled condition and resets the microprocessor if neces-
sary.Asinglewirebussynchronizespowersuppliesacross
multiple ADI Power System Management (PSM) devices.
Configuration EEPROM with ECC supports autonomous
operation without additional software.
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents including 7382303, 7420359, 8648623 and 8920026.
APPLICATIONS
n
Sequence, Trim, Margin and Supervise Two
Power Supplies
n
Manage Faults, Monitor Telemetry
n
PMBus Compliant Command Set
n
Supported by LTpowerPlay® GUI
n
Margin or Trim Supplies to Within 0.25% of Target
n
Monitor Input Current (±1%) and Accumulate Energy
n
Fast OV/UV Supervisors per Channel
n
Coordinate Sequencing and Fault Management
Across Multiple ADI PSM Devices
n
Automatic Fault Logging to Internal EEPROM
n
Operate Autonomously Without Additional Software
n
Configurable Power Good Output Pins
n
Accurate Monitoring of Output Voltage, Output
Current, Temperature, and Input Voltage and Current
n
1.8V to 3.3V I2C/SMBus Serial Interface
n
Connect Directly to Regulator IMON Pins
n
Can Be Powered from 3.3V, or 4.5V to 15V
n
Available in 44-Pin 6mm × 7mm QFN Package
n
Computers and Network Servers
n
Industrial Test and Measurement
n
High Reliability Systems
n
Video and Medical Imaging
DCIN
RSNS
R20
R10
R30
R20
R10
R30
LOAD
VOUT
VFB
VIN
RUN
DC/DC
CONVERTER
VSENSEM1
VDAC1
VOUT_EN1
TSENSE1
AUXFAULTB
VDD33*
IBC
EN
IN
OUT
4.5V ≤ VIBUS ≤ 15V
FAULT
PWRGD
SDA
SCL
ALERTB
CONTROL
PMBus
INTERFACE
*LTC2972 MAY ALSO BE
POWERED DIRECTLY FROM
AN EXTERNAL 3.3V SUPPLY
LTC2972
PG1
ISENSEP0
VSENSEM0
VDAC0
VOUT_EN0
TSENSE0
PG0
NOTE: SOME DETAILS
OMITTED FOR CLARITY
ISENSEM0
ISENSEP1
ISENSEM1
VSENSEP1
VSENSEP0
VDDIO
LOAD
VOUT
VFB
VIN
RUN
DC/DC
CONVERTER
RSNS
2972 TA01a
Closed-Loop Servo Error vs Temperature
80 PARTS SOLDERED DOWN
VIN = 1.0V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
–0.25
–0.20
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
0.25
2972 TA01b


Similar Part No. - LTC2972

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC2972 AD-LTC2972 Datasheet
6Mb / 114P
2-Channel 짹60V Power System Manager
More results

Similar Description - LTC2972

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
4-Channel PMBus Power System Manager
LTC2974 LINER-LTC2974_15 Datasheet
976Kb / 98P
4-Channel PMBus Power System Manager Featuring Accurate Output Current Measurement
LTC2975 LINER-LTC2975_15 Datasheet
1Mb / 104P
4-Channel PMBus Power System Manager Featuring Accurate Input Current and Energy Measurement
LTC2977 LINER-LTC2977_15 Datasheet
1Mb / 94P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2978A LINER-LTC2978A_15 Datasheet
950Kb / 82P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
16-Channel PMBus Low-Voltage Power System Manager
LTM2987 LINER-LTM2987 Datasheet
1Mb / 26P
16-Channel Power Supply System Featuring the LTM2987 Power System Manager
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com