Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 87 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 87 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 83Page - Linear Technology LTC2972 Datasheet HTML 84Page - Linear Technology LTC2972 Datasheet HTML 85Page - Linear Technology LTC2972 Datasheet HTML 86Page - Linear Technology LTC2972 Datasheet HTML 87Page - Linear Technology LTC2972 Datasheet HTML 88Page - Linear Technology LTC2972 Datasheet HTML 89Page - Linear Technology LTC2972 Datasheet HTML 90Page - Linear Technology LTC2972 Datasheet HTML 91Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 112 page
background image
LTC2972
87
2972fa
For more information www.linear.com/LTC2972
CYCLICAL MUX LOOP DATA
BYTE
NUMBER
DECIMAL
BYTE
NUMBER
HEX
LOOP
BYTE
NUMBER
DECIMAL
DATA LOOP 5
36 BYTES PER
LOOP
222
DE
18
0x0
223
DF
17
Status_input[7:0]
224
E0
16
Read_vin[15:8]
225
E1
15
Read_vin[7:0]
226
E2
14
Read_pout0[15:8]
227
E3
13
Read_pout0[7:0]
228
E4
12
Read_iout0[15:8]
229
E5
11
Read_iout0[7:0]
230
E6
10
Status_iout0[7:0]
231
E7
9
Status_
temperature0[7:0]
232
E8
8
Read_
temperature_1_0[15:8]
233
E9
7
Read_
temperature_1_0[7:0]
234
EA
6
Mfr_status_2_0[7:0]
235
EB
5
Status_mfr_
specific0[7:0]
236
EC
4
Status_vout0[7:0]
237
ED
3
Read_vout0[15:8]
Last valid fault
log byte
RESERVED BYTES
238
EE
0x00
Bytes EE – FE
Return 0x00 But
Must Be Read
239
EF
0x00
240
F0
0x00
241
F1
0x00
242
F2
0x00
243
F3
0x00
244
F4
0x00
245
F5
0x00
246
F6
0x00
247
F7
0x00
248
F8
0x00
249
F9
0x00
250
FA
0x00
251
FB
0x00
252
FC
0x00
253
FD
0x00
254
FE
0x00
Use One Block
Read Command
to Read 255 Bytes
Total, from 0x00
to 0xFE
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com