Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 32Page - Linear Technology LTC2972 Datasheet HTML 33Page - Linear Technology LTC2972 Datasheet HTML 34Page - Linear Technology LTC2972 Datasheet HTML 35Page - Linear Technology LTC2972 Datasheet HTML 36Page - Linear Technology LTC2972 Datasheet HTML 37Page - Linear Technology LTC2972 Datasheet HTML 38Page - Linear Technology LTC2972 Datasheet HTML 39Page - Linear Technology LTC2972 Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 112 page
background image
LTC2972
36
2972fa
For more information www.linear.com/LTC2972
Poke Operation Using Mfr_data_plus0
Internal words and bytes may be written using Command Plus:
Enable poke access for Mfr_data_plus0. This need only be done once after a power-up or WDI reset.
WriteMfr_command_plus_pointer=CMD_CODEwithMfr_command_plus_page=pageandMfr_command_plus_id=0.
The CMD_CODEs are listed in the PMBus COMMAND SUMMARY table.
Write the new data value to MFR_DATA_PLUS0
Optionally check status to be sure data was written as desired:
• Write Mfr_command_plus_pointer = 0x2C with Mfr_command_plus_page = 0 and Mfr_command_plus_id = 0.
• Read data from Mfr_data_plus0 and confirm that Mfr_status_plus_poke_failed0 = 0.
Command Plus Operations Using MFR_DATA_PLUS1
All the previous operations may be accessed via Mfr_data_plus1 by substituting Mfr_command_plus_id value with
a 1. Poke operations must be enabled for Mfr_data_plus1.
ON/OFF CONTROL, MARGINING AND CONFIGURATION
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS EEPROM
DEFAULT
VALUE
REF
PAGE
OPERATION
0x01 Operating mode control. On/Off, Margin
High and Margin Low.
R/W Byte
Y
Reg
Y
0x00
37
ON_OFF_CONFIG
0x02 CONTROL pin and PMBus on/off
command setting.
R/W Byte
Y
Reg
Y
0x12
38
MFR_CONFIG_LTC2972
0xD0 Configuration bits that are channel specific. R/W Word
Y
Reg
Y
0x0080
38
MFR_CONFIG2_LTC2972
0xD9 Configuration bits that are channel specific. R/W Byte
N
Reg
Y
0x00
41
MFR_CONFIG3_LTC2972
0xDA Configuration bits that are channel specific. R/W Byte
N
Reg
Y
0x00
41
MFR_CONFIG_ALL_LTC2972 0xD1 Configuration bits that are common to
both pages.
R/W Word
N
Reg
Y
0x007B
44
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com