Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2972 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 27Page - Linear Technology LTC2972 Datasheet HTML 28Page - Linear Technology LTC2972 Datasheet HTML 29Page - Linear Technology LTC2972 Datasheet HTML 30Page - Linear Technology LTC2972 Datasheet HTML 31Page - Linear Technology LTC2972 Datasheet HTML 32Page - Linear Technology LTC2972 Datasheet HTML 33Page - Linear Technology LTC2972 Datasheet HTML 34Page - Linear Technology LTC2972 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 112 page
background image
LTC2972
31
2972fa
For more information www.linear.com/LTC2972
ADDRESSING AND WRITE PROTECT
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS EEPROM
DEFAULT
VALUE
REF
PAGE
PAGE
0x00
Channel or page currently selected for any
command that supports paging.
R/W Byte
N
Reg
0x00
31
WRITE_PROTECT
0x10
Level of protection provided by the device
against accidental changes.
R/W Byte
N
Reg
Y
0x00
32
MFR_I2C_BASE_ADDRESS
0xE6
Base value of the I2C/SMBus address byte. R/W Byte
N
Reg
Y
0x5C
33
MFR_PAGE_FF_MASK
0xE4
Configuration defining which channels
respond to global page commands
(PAGE=0xFF).
R/W Byte
N
Reg
Y
0x03
33
MFR_COMMAND_PLUS
0xC8
Alternate access to block read and other
data. Commands for all additional hosts.
R/W Word
N
Reg
33
MFR_DATA_PLUS0
0xC9
Alternate access to block read and other
data. Data for additional host 0.
R/W Word
N
Reg
33
MFR_DATA_PLUS1
0xCA
Alternate access to block read and other
data. Data for additional host 1.
R/W Word
N
Reg
33
PMBus COMMAND DESCRIPTION
PAGE
The LTC2972 has two pages that correspond to the two DC/DC converter channels that can be managed. Each DC/DC
converter channel can be uniquely programmed by first setting the appropriate page.
Setting PAGE = 0xFF allows a simultaneous write to both pages for PMBus commands that support global page pro-
gramming. The only commands that support PAGE = 0xFF are CLEAR_FAULTS, OPERATION and ON_OFF_CONFIG.
See MFR_PAGE_FF_MASK for additional options. Reading any paged PMBus register with PAGE = 0xFF returns un-
predictable data and will trigger a CML fault. Writes to paged commands that do not support PAGE = 0xFF with PAGE
= 0xFF will be ignored and generate a CML fault.
PAGE Data Contents
BIT(S) SYMBOL OPERATION
b[7:0] Page
Page operation.
0x00: All PMBus commands address channel/page 0.
0x01: All PMBus commands address channel/page 1.
0xXX: All non specified values reserved.
0xFF: A single PMBus write/send to commands that support this mode will simultaneously address all channel/pages with
MFR_PAGE_FF_MASK enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com