Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 42Page - Cirrus Logic CS6403 Datasheet HTML 43Page - Cirrus Logic CS6403 Datasheet HTML 44Page - Cirrus Logic CS6403 Datasheet HTML 45Page - Cirrus Logic CS6403 Datasheet HTML 46Page - Cirrus Logic CS6403 Datasheet HTML 47Page - Cirrus Logic CS6403 Datasheet HTML 48Page - Cirrus Logic CS6403 Datasheet HTML 49Page - Cirrus Logic CS6403 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
FE_OUT is capable of producing 6.3Vpp differ-
entially or 3.15Vpp single-ended.
If the
equipment intended to interface to FE_OUT is
capable of accepting a differential input, a resis-
tive divider which attenuates the differential
signal by a factor of 0.89 will be sufficient. If
the equipment requires a ground reference, an
external amplifier providing a gain of 1.78 to the
single-ended signal is necessary.
The full-scale input at MICIN is 2Vpp with the
gain stage off (GPIN3 is high). The gain of the
differential amplifier provided by U100 needs to
be decreased
to 0.36 times.
Replacing R104
and R105 with 3.6k
Ω resistors and changing
C1 01 to 0. 74
µF (0.68µF in parallel with
0.068
µF) will change the gain appropriately
while maintaining good common-mode rejection
at all frequencies. It is important to make sure
that the opamp is referenced around >2VDC
rather than VCM, as clipping is likely to occur
otherwise. This change is described in the sec-
tion explaining the Microphone Circuitry.
SPKROUT drives 1.75Vpp with respect to
ground
out
of
bot h
SPKROUT P
an d
SPKROUTN. Even taken differentially, the re-
sulting 3.5Vpp is not enough to reach the
required 5.6Vpp. An external amplifier provid-
ing 3.2 times gain to SPKROUTP is required to
produce the required output signal level.
Troubleshooting Tips
If the CDB6403 is not working properly or is
not working as expected, this list of common
setup problems may help.
General hints:
• Make sure 5VDC is applied to both the digi-
tal and analog supplies.
• RESET the evaluation board after powerup.
• The MICIN jack is self-shorting. Make sure
there is either something in the jack or that
the traces to the capacitors have been cut.
• When the 26dB gain stage is not in use, the
differential amplifier provided by U100
should be referenced around >2V, not VCM.
• Signal applied at FE_IN will come out of
SPKROUT.
Signal applied at MICIN will
come out of FE_OUT.
• The signal applied at FE_IN should only be
picked up by MICIN from SPKROUT.
• Constant power signals (such as fixed ampli-
tude sine waves) will attenuate after several
seconds as the noise estimators determine
this signal to be noise.
Mode 1 hints:
• If the GPOUT1 LED is not lit after RESET,
the board is not operating properly.
Make
sure the crystal is in the socket and make
sure it is oscillating.
SCLK should be
2.048MHz.
• Make sure CONFIG is ON. Otherwise the
MC145480 is powered down.
• The default operation of the CS6403 will
force half-duplex mode upon powerup. Sev-
eral seconds of speech in both transmit and
receive directions will be necessary for full-
duplex operation.
Mode 2 hints:
• Make sure CONFIG is OFF. This powers
down the MC145480 and avoids contention
on SDI.
• Make sure SCLK and SSYNC are being re-
ceived.
CDB6403
46
DS192DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com