Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 10Page - Cirrus Logic CS6403 Datasheet HTML 11Page - Cirrus Logic CS6403 Datasheet HTML 12Page - Cirrus Logic CS6403 Datasheet HTML 13Page - Cirrus Logic CS6403 Datasheet HTML 14Page - Cirrus Logic CS6403 Datasheet HTML 15Page - Cirrus Logic CS6403 Datasheet HTML 16Page - Cirrus Logic CS6403 Datasheet HTML 17Page - Cirrus Logic CS6403 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
audio and control data while SLP is asserted, by-
passing the CPU and AFP. Note, however, that
since the CPU is powered down, no scaling is
performed on the ADC input, no echo is can-
celled, and audio data is not companded.
Using the CS6403
Interfacing as a Master to an external codec
(Mode 1)
In applications like speakerphones, it is possible
to connect the CS6403 directly to an external
network codec. An example circuit is shown in
Figure 5.
In this application, SYNCOUT and SCLK are
sourced by the CS6403 (i.e., SMASTER=1), and
CLKIN is generated by connecting a crystal be-
tween CLKOUT and CLKIN.
The timing for
these signals is illustrated in Figure 6.
Audio-data samples in Mode 1 are 8 bits and are
µ−law or A-law companded depending on the
state of the UALAW pin (PIN 13Q, 19L). No
control information can be transferred in Mode
1, so there is no control/data steering bit. Also
note that since control information cannot be
transferred, the default settings of the control
registers established after Reset are used.
In Mode 1, 80 echo-canceller taps (out of the
available 512) are permanently allocated to net-
work-echo cancellation (see Figure 3).
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
SYNCOUT (out: 8kHz)
SDI (in)
SDO (out)
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
SYNCOUT (out: 8kHz)
SDI (in)
SDO (out)
SCLK (out)
SFRAME=0; SSYNC = 0
SFRAME=1; SSYNC = 0
SCLK (out)
Mode 1.1 (Short-Frame Mode)
Mode 1.2 (Long-Frame Mode)
Figure 6. External-Codec Mode Timing (Mode 1)
CS6403
14
DS192PP6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com