Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 36Page - Cirrus Logic CS6403 Datasheet HTML 37Page - Cirrus Logic CS6403 Datasheet HTML 38Page - Cirrus Logic CS6403 Datasheet HTML 39Page - Cirrus Logic CS6403 Datasheet HTML 40Page - Cirrus Logic CS6403 Datasheet HTML 41Page - Cirrus Logic CS6403 Datasheet HTML 42Page - Cirrus Logic CS6403 Datasheet HTML 43Page - Cirrus Logic CS6403 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
PCM Codec
The MC145480 codec is a +5V only PCM codec
with filter. It can be used in either
µ-law or A-
law companding modes depending on the state
of the UALAW DIP switch. It is included to pro-
vide a far-end analog interface for Mode 1
applications.
When Mode 2 is selected for the CS6403 by set-
ting the CONFIG DIP switch to OFF, the
MC145480 is powered down with its serial port
outputs put into a high-impedance state. This be-
havior eliminates the need to cut traces to
prevent signal contention.
SDI
SCLK
SSYNC
SDO
SCLK_RATE0
SCLK_RATE1
N/C
AVDD
AGND0
CLKIN
CLKOUT
RESET
System
Reset
SPKROUTP
SPKROUTN
VREF
VCM
+5VA
0.1
µF
SYNCOUT
MICIN
AGND1
DGND0
GPOUT0
GPOUT1
0.1
µF
C15
0.47
µF
C13
0.022
µF
NPO
R6
150
Ω
8.192MHz
PVDD
PGND1
PGND0
0.1
µF
10
µF
0.1
µF
DGND1
DVDD1
DVDD0
C6
33 pF
C7
33 pF
U1
CS6403
+
Digital
Ground
Analog
Ground
SMASTER
CLK_SEL
Speaker
Ground
1
µF
1
µF
+
+
CONFIG
1
µF
0.1
µF 1 µF
0.1
µF1 µF
C3
C17
C4
C19
C22
C20
+
C21
C23
+
C18
C16
C10
C12
+5VD1
+
CLK_SEL
GPIN3
CONFIG2
GPIN0
GPIN1
GPIN2
SFRAME
SCLK_RATE0
SCLK_RATE1
+5VD1
SMASTER
GPIN3
GPIN0
GPIN1
GPIN2
SFRAME
UALAW
TMODE2
UALAW
J15
J14
J16
SPKROUTP
SPKROUTN
J12
SSYNC
SCLK
SYNCOUT
SDI
SDO
VCM
GPOUT0
GPOUT1
MICIN
Microphone
Jack
470pF
C102
RESERVED6
RESERVED1
RESERVED0
RESERVED2
RESERVED3
RESERVED4
RESERVED5
9
14
15
12
13
35
36
21
17
37
38
39
8
7
4
23
19
16
20
18
11
22
42
2
1
44
43
3
32
27
25
31
30
10
40
41
34
6
5
26
24
28
33
29
Figure 4. CS6403 and Associated Circuitry
CDB6403
40
DS192DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com