Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 13Page - Cirrus Logic CS6403 Datasheet HTML 14Page - Cirrus Logic CS6403 Datasheet HTML 15Page - Cirrus Logic CS6403 Datasheet HTML 16Page - Cirrus Logic CS6403 Datasheet HTML 17Page - Cirrus Logic CS6403 Datasheet HTML 18Page - Cirrus Logic CS6403 Datasheet HTML 19Page - Cirrus Logic CS6403 Datasheet HTML 20Page - Cirrus Logic CS6403 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
The CS6403 requires one sample time to effect a
write to a control register. As a result, a control-
word write should not be followed in the next
control word with a read to the same control
word. There should be at least one intervening
sample time prior to the next control word read
to that control word.
Control Register Definitions
The CS6403 has four control registers that are
accessible via the SSI, which allow a user to
monitor and control the behavior of the CS6403.
Note that these registers are accessible only in
Mode 2 (16-bit). Some visibility and control is
provided by the GPIN and GPOUT pins (see
PIN DESCRIPTIONS).
The following table defines the four registers ac-
cessible by the serial interface in 16-bit modes.
These registers are accessed by setting b15 high.
The state of b14 indicates whether the register
access operation is a read (high) or a write (low).
Bits b13 and b12 together address the register as
follows:
b13 : b12
Register
00
SSI_CR0
01
SSI_CR1
10
SSI_CR2
11
(reserved)
Note that CR0 is different from the other three
control registers, in that CR0 is read by the
CS6403 CPU only at reset. Also, CR0 may be
changed via a serial control operation only im-
mediately after the control word "0x8400" is
written to the CS6403 (which puts the CS6403
into "sleep" mode).
Input Companded Audio Word (8-bit)
b7
b6
b5
b4
b3
b2
b1
b0
Output Companded Audio Word (8-bit)
b7
b6
b5
b4
b3
b2
b1
b0
Input Companded Audio Word (16-bit)
0
0
0
00000
b7
b6
b5
b4
b3
b2
b1
b0
Output Companded Audio Word (16-bit)
b7
b6
b5
b4
b3
b2
b1
b0
00000000
Input Linear Audio Word (16-bit)
0
b14
b13
b12
b11
b10
b9b8b7b6b5b4b3b2b1b0
Output Linear Audio Word (16-bit)
b15
b14
b13
b12
b11
b10
b9b8b7b6b5b4b3b2b1b0
Input Control Word (16-bit)
1
RNW
a1
a0
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Output Control Word (16-bit)
1
RNW
a1
a0
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Table 3. Audio and Control Data Format for Mode 2
CS6403
DS192PP6
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com