Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 7Page - Cirrus Logic CS6403 Datasheet HTML 8Page - Cirrus Logic CS6403 Datasheet HTML 9Page - Cirrus Logic CS6403 Datasheet HTML 10Page - Cirrus Logic CS6403 Datasheet HTML 11Page - Cirrus Logic CS6403 Datasheet HTML 12Page - Cirrus Logic CS6403 Datasheet HTML 13Page - Cirrus Logic CS6403 Datasheet HTML 14Page - Cirrus Logic CS6403 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Analog Interface
The codec block provides an analog-to-digital
converter (ADC) and a digital-to-analog con-
verter that can be connected directly to a
microphone and a speaker, respectively.
The output of the microphone should be low-
pass filtered, then AC-coupled to the audio input,
MICIN. A 26 dB gain stage is included in the
CS6403 at the ADC input to amplify the micro-
phone signal. However, this gain stage may be
bypassed in modes in which a line-level source
is connected to the CS6403 instead of a micro-
phone.
The CS6403 also includes a speaker
driver, which can drive an 8
Ω speaker directly,
or alternatively, it can drive a high-impedance
differential input on an external amplifier.
With the 26 dB gain stage on, the fullscale input
for the MICIN pin is 100mV peak-to-peak. Any
signal over 100mV peak-to-peak will clip the in-
put to the ADC. With the gain stage off, a 2V
peak-to-peak signal is the maximum allowed.
The fullscale output voltage from the DAC is
1.75V peak-to-peak single-ended, or 3.5V peak-
to-peak differentially.
It is very important to not clip signals anywhere
in the system. An echo canceller can only re-
move echo that passes through a linear, time
invariant path. Echo that passes through a non-
linearity (like clipping) will not be removed by
the echo canceller.
Both the DAC and ADC paths are bandlimited
as a function of sampling rate.
At a sampling
rate of 8 kHz, the paths are limited to 0-
3600 Hz.
Synchronous Serial Interface
The Synchronous Serial Interface (SSI) provides
a data and control interface to the CS6403. The
SSI can be connected to an external network
codec for applications like speakerphones or to a
DSP for high-end applications like video tele-
conferencing.
Depending on the state of the SMASTER
(PIN 42Q, 4L) pin at RESET, the CS6403 can
operate as either a system timing master or slave.
As a master, the serial clock pin (SCLK) is an
output. As a system timing slave, SCLK must
be driven by an external source. When SMAS-
TER is high, the SCLK output frequency is a
fixed 2.048 MHz derived from the 8.192 MHz
crystal oscillator connected across CLKIN and
CLKOUT. When SMASTER is low, internal
timing is generated by the Phase Locked Loop
(PLL), which uses SCLK’s input as a timing ref-
erence, so no external crystal is necessary.
In
slave timing mode, SCLK can be driven at 256
kHz, 1.024 MHz, or 2.048 MHz. The CS6403 is
in formed
of
the
SC LK
rate
via
the
S C LK_R AT E0
(P IN
29 Q,
35 L)
an d
SCLK_RATE1 (PIN 30Q, 36L) pins.
Table 1 shows the various options for SCLK.
SCLK
Clock Rate
I/O
mode
0
0
0
256 kHz
I
slave
0
0
1
undefined
0
1
0
1.024 MHz
I
slave
0
1
1
2.048 MHz
I
slave
1
0
0
undefined
1
0
1
undefined
1
1
0
undefined
1
1
1
2.048 MHz
O
master
Table 1. Clock Options
CS6403
DS192PP6
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com