Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 5 Page - Cirrus Logic

  CS6403 Datasheet HTML 1Page - Cirrus Logic CS6403 Datasheet HTML 2Page - Cirrus Logic CS6403 Datasheet HTML 3Page - Cirrus Logic CS6403 Datasheet HTML 4Page - Cirrus Logic CS6403 Datasheet HTML 5Page - Cirrus Logic CS6403 Datasheet HTML 6Page - Cirrus Logic CS6403 Datasheet HTML 7Page - Cirrus Logic CS6403 Datasheet HTML 8Page - Cirrus Logic CS6403 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
POWER CONSUMPTION (TA = 25°C; All DVDD, AVDD and PVDD = 5.0V; Signal test frequency
1kHz; Word Rate (Fs) = 8kHz; SPRKOUT outputs connected to 8
Ω load; Mode 2 SCLK = 256 kHz; unless oth-
erwise specified) Full scale output.
Parameter
Symbol
Min
Typ
Max
Units
Normal Operation Power Dissipation
PD
-
800
-
mW
High-Impedance Output
(Note 11)
PNS
-
300
-
mW
RESET High
PRH
-55
-
mW
RESET High, clocks halted
(Note 12)
PRNC
-15
-
mW
Powerdown Asserted in Software
PPDN
-55
-
mW
Notes: 11. SPKROUT outputs connected to 1 k
Ω load.
12. RESET high, CLKIN grounded (Mode 1) or SCLK grounded (Mode 2), and CLK_SEL (PIN 15Q, 21L)
high to disable PLL.
CLKIN
tckl
SCLK
SYNCOUT
(Master Mode)
tckh
tpd3
SCLK & SYNCOUT Output Timing
Mode 1 - MASTER
RECOMMENDED OPERATING CONDITIONS (All voltages with respect to 0V)
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
AVDD
DVDD
PVDD
4.50
5.0
5.50
V
Ambient Operating Temperature
TA
-40
85
°C
CS6403
DS192PP6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com