Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 19Page - Cirrus Logic CS6403 Datasheet HTML 20Page - Cirrus Logic CS6403 Datasheet HTML 21Page - Cirrus Logic CS6403 Datasheet HTML 22Page - Cirrus Logic CS6403 Datasheet HTML 23Page - Cirrus Logic CS6403 Datasheet HTML 24Page - Cirrus Logic CS6403 Datasheet HTML 25Page - Cirrus Logic CS6403 Datasheet HTML 26Page - Cirrus Logic CS6403 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
Detailed Power Supply Connections
Figure 9 shows the detailed power supply con-
nections.
The CS6403 requires a clean analog
quality +5V supply. The digital supply for the
CS6403 should be derived through a 2
Ω resistor
from the clean system analog supply, and should
not be connected directly to the board-level digi-
tal 5V supply.
Grounding and Layout
The CS6403 requires very careful attention to
layout, power supplies, and decoupling to
achieve rated performance.
Extensive use of
ground planes and ground-plane fill is recom-
mended. The system performance is optimized
when the circuit board is partitioned into a digi-
tal region and an analog region, each with its
own, non-overlapping, ground plane.
The
CS6403 should be completely over the analog
ground plane, close to the digital region.
The
package should be oriented so that the digital
pins face toward the digital region of the board.
Figure 10 shows the general guidelines for
proper layout.
The power and ground connections for the
speaker (PVDD and PGND) should be routed
separately from the analog power and ground
planes to prevent the high speaker currents from
flowing in the same ground plane as the micro-
phone signal. In applications where the speaker
driver is not used no separate ground routing is
required.
Embedded Signal-Processing Functions
As shown in Figure 3, the CS6403 provides sev-
eral processing functions that are required for
good full-duplex, hands-free performance.
CS6403
AVDD
AGND0
PVDD
PGND0
PGND1
0.1
µF
10
µF
+5V
Analog
Supply
2
Ω
AGND1
+
DVDD1
DGND1
DVDD0
DGND0
0.1
µF
1
µF
0.1
µF
1
µF
0.1
µF
1
µF
+
+
Analog
Ground
Speaker
Ground
+
Figure 9. Power Supply Connections
Schematic & Layout Review Service
Confirm Optimum
Schematic & Layout
Before Building Your Board.
For Our Free Review Service
Call Applications Engineering.
Call: (512) 445-7222
CS6403
DS192PP6
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com