Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 30Page - Cirrus Logic CS6403 Datasheet HTML 31Page - Cirrus Logic CS6403 Datasheet HTML 32Page - Cirrus Logic CS6403 Datasheet HTML 33Page - Cirrus Logic CS6403 Datasheet HTML 34Page - Cirrus Logic CS6403 Datasheet HTML 35Page - Cirrus Logic CS6403 Datasheet HTML 36Page - Cirrus Logic CS6403 Datasheet HTML 37Page - Cirrus Logic CS6403 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
PARAMETER DEFINITION
Anti-Alias Rejection
The rejection of input frequencies in the frequency range >Fs/2 of all multiples of the input
sample rate (64 x Fs). This rejection is almost solely dependent on the external input RC.
Audible (<20kHz) Noise
The DAC audible noise floor. Measured by applying a -60dB, 1kHz sine wave. S/(N+D) is
then measured (over a Fs/2 to 20kHz bandwidth). Then add 60dB to the answer, to compensate
for the -60dB signal level.
Convergence
The process by which an echo canceller improves its path estimate, thereby improving its echo
return-loss enhancement.
Convergence is complete once the echo return-loss enhancement
reaches its best value for a given environment.
Differential Nonlinearity
The worst case deviation from the ideal codewidth. Units in LSB.
ERLE
Echo signal-power reduction (Echo Return-Loss Enhancement) provided by an echo canceller.
Maximum ERLE for an echo canceller is dependent on training-signal statistics and echo-path
attributes. Units in dB.
Frequency Response
Worst case variation in output signal level versus frequency over the passband (20Hz to
0.45Fs), referenced to the level at 1kHz. Units in dB.
Instantaneous Dynamic Range
IDR is the ratio of a full-scale rms signal to the rms noise available at any instant in time,
without changing the input gain or output attenuation settings. It is measured using S/(N+D)
with a 1 kHz, -60 dB input signal, with 60 dB added to compensate for the small input signal.
Use of a small input signal reduces the harmonic distortion components to insignificance when
compared to the noise. Units in dB.
Integrated Inaudible (>20kHz) Energy
The integrated signal level on the analog output pin after a 20kHz hi-pass filter. Zero digital
input into the DAC. Units in mVrms.
Offset Error
For the ADC, the deviation of the output code from the mid-scale with the selected input at
VCM. For the DAC, the deviation of the output from VCM with mid-scale input code. Units
in LSB’s for the ADC and millivolts for the DAC.
CS6403
34
DS192PP6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com